Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1014DMN Datasheet(PDF) 9 Page - Texas Instruments

Part # LT1014DMN
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DMN Datasheet(HTML) 9 Page - Texas Instruments

Back Button LT1014DMN Datasheet HTML 5Page - Texas Instruments LT1014DMN Datasheet HTML 6Page - Texas Instruments LT1014DMN Datasheet HTML 7Page - Texas Instruments LT1014DMN Datasheet HTML 8Page - Texas Instruments LT1014DMN Datasheet HTML 9Page - Texas Instruments LT1014DMN Datasheet HTML 10Page - Texas Instruments LT1014DMN Datasheet HTML 11Page - Texas Instruments LT1014DMN Datasheet HTML 12Page - Texas Instruments LT1014DMN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V, VIC = 0 (unless otherwise
noted)
PARAMETER
TEST
T †
LT1014M
LT1014AM
LT1014DM
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIO
Input offset
RS =50 Ω
25
°C
60
300
60
180
200
800
µV
VIO
voltage
RS = 50 Ω
Full range
550
350
1000
µV
a
V
IO
Temperature
coefficient of
input offset
voltage
Full range
0.5
2.5
0.5
2
0.5
2.5
µV/°C
Long-term drift
of input offset
voltage
25
°C
0.5
0.5
0.5
µV/mo
IIO
Input offset
25
°C
0.15
1.5
0.15
0.8
0.15
1.5
nA
IIO
current
Full range
5
2.8
5
nA
IIB
Input bias
25
°C
–12
–30
–12
–20
–12
–30
nA
IIB
current
Full range
–45
–30
–45
nA
VICR
Common-mode
input voltage
25
°C
–15
to
13.5
–15.3
to
13.8
–15
to
13.5
–15.3
to
13.8
–15
to
13.5
–15.3
to
13.8
V
ICR
g
range
Full range
–14.9
to 13
–14.9
to 13
–14.9
to 13
VOM
Maximum peak
output voltage
RL =2kΩ
25
°C
±12.5
±14
±13
±14
±12.5
±14
V
VOM
output voltage
swing
RL = 2 kΩ
Full range
±11.5
±12
±11.5
V
A
Large-signal
differential
VO = ±10 V,
RL = 600 Ω
25
°C
0.5
2
0.8
2.2
0.5
2
V/ V
AVD
differential
voltage
VO = ±10 V,
25
°C
1.2
8
1.5
8
1.2
8
V/
µV
amplification
O
,
RL = 2 kΩ
Full range
0.25
0.4
0.25
CMRR
Common-mode
VIC = –15 V to
13.5 V
25
°C
97
117
100
117
97
117
dB
CMRR
rejection ratio
VIC = –14.9 V
to 13 V
Full range
94
96
94
dB
kSVR
Supply-voltage
rejection ratio
VCC
± = ±2 V to
25
°C
100
117
103
117
100
117
dB
kSVR
rejection ratio
(
∆VCC/∆VIO)
CC
±
±18 V
Full range
97
100
97
dB
Channel
separation
VO = ±10 V,
RL = 2 kΩ
25
°C
120
137
123
137
120
137
dB
rid
Differential input
resistance
25
°C
70
300
100
300
70
300
M
Ω
ric
Common-mode
input resistance
25
°C
4
4
4
G
Ω
ICC
Supply current
25
°C
0.35
0.55
0.35
0.50
0.35
0.55
mA
ICC
y
per amplifier
Full range
0.7
0.6
0.7
mA
† Full range is –55
°C to 125°C.
‡ All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com