Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP8 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # CDP8
Description  Constant-Duty Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CDP8 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  CDP8 Datasheet HTML 1Page - Gamewell-FCI by Honeywell CDP8 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2283 Rev. a page 1 of 2
CDP8
Constant-Duty Power Supply
Description
The Gamewell-FCI CDP8 Constant-Duty Power Supply is
a regulated, power-limited, 24 VDC, 8.0 amp. power supply
which can be used anywhere a constant 24 VDC source is
required. The CDP8 is suited and UL-Listed for fire alarm,
access control, and general power supply applications.
The Gamewell-FCI CDP8 provides four (4) power-limited,
24 VDC, 3.0 amp. outputs. Each output can be individually
configured to shed its load (turn off) during a power failure
to extend available standby battery power for designated
critical circuits.
Each output circuit is monitored for overload or shorted
conditions, with the trouble condition indicated by a specific
circuit trouble LED and activation of the common trouble
relay. Overloaded circuits will automatically restore when
the overload is removed.
Engineer’s Specifications
The power supply shall provide four (4) output circuits
capable of up to 3.0 amp. continuous 24 VDC each to a
maximum of 8.0 amps. total. The output voltage shall be
regulated and power-limited. Each output circuit shall be
configurable to shed its load with the loss of the primary AC
source. The Constant-Duty Power Supply shall include an
internal battery charger with charging capacity of 26 AH. It
shall also be operational from an externally charged bat-
tery. Operational troubles shall be indicated by seven LEDs
and a common trouble Form-C relay. The supply shall also
have a delayed AC Fail relay. The Constant-Duty Power
Supply shall be Gamewell-FCI, model CDP8.
Specifications
Primary Input Power: 120 VAC, 50/60 Hz, 3.5 A
or 220 V, 1.9 A, jumper-selectable.
Secondary Power:
24-volt: two 7 – 26 AH batteries
Battery Charging
Capacity:
Up to 26 AH batteries
Total Output Power:
8.0 A maximum
Standby Current:
0.03 A
Output Ratings:
24 VDC fully regulated, 3.0 A max-
imum per circuit, 8.0 A total
Cabinet Dimensions: 18.0" H x 12.5" W x 4.5" D
(45.72 H x 31.75 W x 11.43 D cm)
Features
Four (4) configurable monitored outputs
8.0 A, 24 VDC, fully regulated full-load output
(power-limited)
Seven (7) trouble and status LEDs
Common trouble Form-C relay
Isolated AC Fail Form-C relay
Selectable AC Fail notification relay
Ground fault detection
26.0 A battery-charger capability
Selectable internal battery charger disable
Selectable internal ground fault detection disable
Selectable load shedding on AC Fail per output
CDP8
SIGNALING
S8240 7315-1288:163
An ISO9000-2000 Company


Similar Part No. - CDP8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDP-02 ETC2-CDP-02 Datasheet
2Mb / 16P
UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE
logo
Sony Corporation
CDP-195 SONY-CDP-195 Datasheet
713Kb / 16P
SERVICE MANUAL
logo
Mini-Circuits
CDP-2-122-75 MINI-CDP-2-122-75 Datasheet
393Kb / 3P
Power Splitter/Combiner
CDP-2-122W-75 MINI-CDP-2-122W-75 Datasheet
371Kb / 3P
Power Splitter/Combiner
CDP-2-13-75 MINI-CDP-2-13-75 Datasheet
470Kb / 3P
Power Splitter/Combiner
More results

Similar Description - CDP8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
1.8V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
1.2V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
1.2V Constant-Voltage Power Supply IC
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
2.5V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
3.3V Constant-Voltage Power Supply IC
logo
LinkCom Manufacturing C...
25W-LCCE LINKCOM-25W-LCCE Datasheet
498Kb / 4P
25W Constant Current Power Supply
logo
Mean Well Enterprises C...
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
CONSTANT CURRENT MODE POWER SUPPLY
APC-35 MEANWELL-APC-35_17 Datasheet
70Kb / 2P
CONSTANT CURRENT MODE POWER SUPPLY
APV-25 MEANWELL-APV-25_17 Datasheet
70Kb / 2P
CONSTANT VOLTAGE MODE POWER SUPPLY
APV-35 MEANWELL-APV-35_17 Datasheet
71Kb / 2P
CONSTANT VOLTAGE MODE POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com