Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DR331-8-333 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-8-333
Description  SHIELDED SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-8-333 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-8-333 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 23, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
SUGGESTED PAD LAYOUT
.115
2,92
.290
7,37
.110
2,79
.300
7,62
.200 MAX.
5,08
.370 MAX.
9,40
.510 MAX.
12,95
.100
2,54
331-8
XXX
1
2
ELECTRICAL SPECIFICATIONS AT 25°C
Inductance
DCR
I rms (A)
I sat (A)
Q
SRF
Part No.
(
µH) ± 20%
(
Ω) Max.
Max. (Note 3)
Max. (Note 2)
Min.
MHz (REF.)
DR331-8-102
1.0
0.021
5.0
5.6
10
140
DR331-8-152
1.5
0.022
4.5
5.2
10
120
DR331-8-222
2.2
0.032
3.8
5.0
10
80
DR331-8-332
3.3
0.039
3.3
3.9
10
70
DR331-8-472
4.7
0.054
2.7
3.2
15
40
DR331-8-682
6.8
0.075
2.2
2.8
15
38
DR331-8-103
10
0.101
2.0
2.4
15
35
DR331-8-153
15
0.15
1.5
2.0
20
25
DR331-8-223
22
0.207
1.3
1.6
20
19
DR331-8-333
33
0.334
1.1
1.4
20
15
DR331-8-473
47
0.472
0.8
1.0
20
13
MECHANICAL SPECIFICATIONS
SHIELDED SMD INDUCTOR DR331-8 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.0µH to 47µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 6)
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,30
2.
Isat based on the inductance being 90% of its
initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 500 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
For non-RoHS parts replace DR prefix with
42- (e.g. DR331-8 becomes 42-331-8)
7.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with J-
STD-020C.


Similar Part No. - DR331-8-333

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-8-333 DATATRONICS-DR331-8-333 Datasheet
71Kb / 1P
SHIELDED SMD INDUCTOR DR331-8 SERIES
More results

Similar Description - DR331-8-333

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-7-102 DATATRONICS-DR331-7-102 Datasheet
85Kb / 2P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
Shielded smd Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com