Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25F05-100VIP Datasheet(PDF) 17 Page - Eon Silicon Solution Inc.

Part # EN25F05-100VIP
Description  512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F05-100VIP Datasheet(HTML) 17 Page - Eon Silicon Solution Inc.

Back Button EN25F05-100VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F05-100VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
17
EN25F05
Rev. B, Issue Date: 2008/06/23
Deep Power-down (DP) (B9h)
Executing the Deep Power-down (DP) instruction is the only way to put the device in the lowest con-
sumption mode (the Deep Power-down mode). It can also be used as an extra software protection
mechanism, while the device is not in active use, since in this mode, the device ignores all Write,
Program and Erase instructions.
Driving Chip Select (CS#) High deselects the device, and puts the device in the Standby mode (if
there is no internal cycle currently in progress). But this mode is not the Deep Power-down mode.
The Deep Power-down mode can only be entered by executing the Deep Power-down (DP)
instruction, to reduce the standby current (from ICC1 to ICC2, as specified in Table 8.).
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. This releases the device
from this mode. The Release from Deep Power-down and Read Device ID (RDI) instruction also
allows the Device ID of the device to be output on Serial Data Output (DO).
The Deep Power-down mode automatically stops at Power-down, and the device always Powers-up
in the Standby mode. The Deep Power-down (DP) instruction is entered by driving Chip Select (CS#)
Low, followed by the instruction code on Serial Data Input (DI). Chip Select (CS#) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 15..Chip Select (CS#) must be driven High after the
eighth bit of the instruction code has been latched in, otherwise the Deep Power-down (DP)
instruction is not executed. As soon as Chip Select (CS#) is driven High, it requires a delay of tDP
before the supply current is reduced to ICC2 and the Deep Power-down mode is entered.
Any Deep Power-down (DP) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 15. Deep Power-down Instruction Sequence Diagram
Release from Deep Power-down and Read Device ID (RDI)
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. Executing this instruction
takes the device out of the Deep Power-down mode.
Please note that this is not the same as, or even a subset of, the JEDEC 16-bit Electronic Signature
that is read by the Read Identifier (RDID) instruction. The old-style Electronic Signature is supported
for reasons of backward compatibility, only, and should not be used for new designs. New designs
should, instead, make use of the JEDEC 16-bit Electronic Signature, and the Read Identifier (RDID)
instruction.
When used only to release the device from the power-down state, the instruction is issued by driving
the CS# pin low, shifting the instruction code “ABh” and driving CS# high as shown in Figure 16.
After the time duration of tRES1 (See AC Characteristics) the device will resume normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com