Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25LF10-75VIP Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN25LF10-75VIP
Description  1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25LF10-75VIP Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN25LF10-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
7
EN25LF10
Rev. B, Issue Date: 2008/06/23
TABLE 3. Protected Area Sizes Sector Organization
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protect Blocks
Addresses
Density(KB)
Portion
1
1
1
All
000000h-01FFFFh
128KB
All
1
1
0
sector 0 to sector 30
000000h-01EFFFh
124KB
Lower 31/32
1
0
1
sector 0 to sector 29
000000h-01DFFFh
120KB
Lower 15/16
1
0
0
None
None
None
None
0
1
1
All
000000h-01FFFFh
128KB
All
0
1
0
Block 2 to 3
010000h-01FFFFh
64KB
Upper 1/2
0
0
1
Block 3
018000h-01FFFFh
32KB
Upper 1/4
0
0
0
None
None
None
None
Hold Function
The Hold (HOLD#) signal is used to pause any serial communications with the device without reset-
ting the clocking sequence. However, taking this signal Low does not terminate any Write Status
Register, Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be selected, with Chip Select (CS#) Low. The Hold
condition starts on the falling edge of the Hold (HOLD#) signal, provided that this coincides with
Serial Clock (CLK) being Low (as shown in Figure 4.).
The Hold condition ends on the rising edge of the Hold (HOLD#) signal, provided that this coincides
with Serial Clock (CLK) being Low.
If the falling edge does not coincide with Serial Clock (CLK) being Low, the Hold condition starts af-
ter Serial Clock (CLK) next goes Low. Similarly, if the rising edge does not coincide with Serial Clock
(CLK) being Low, the Hold condition ends after Serial Clock (CLK) next goes Low. (This is shown in
Figure 4.).
During the Hold condition, the Serial Data Output (DO) is high impedance, and Serial Data Input (DI)
and Serial Clock (CLK) are Don’t Care.
Normally, the device is kept selected, with Chip Select (CS#) driven Low, for the whole duration of
the Hold condition. This is to ensure that the state of the internal logic remains unchanged from the
moment of entering the Hold condition.
If Chip Select (CS#) goes High while the device is in the Hold condition, this has the effect of
resetting the internal logic of the device. To restart communication with the device, it is necessary to
drive Hold (HOLD#) High, and then to drive Chip Select (CS#) Low. This prevents the device from
going back to the Hold condition.
Figure 4. Hold Condition Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com