Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT12117 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT12117
Description  Bobbin Type Fixed Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT12117 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT12117 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
October 11, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
INCHES .XXX = ±.010
MILLIMETERS: .XX = ±.25
Ø .027
.440 MAX.
11.20
.196
5.00
.196
5.00
±50
±020
PT121XX
DATE
Ø .314 MAX.
8.00
ELECTRICAL SPECIFICATIONS AT 25ºC
Part Number
Inductance
mH±10%
Typ (1)
Q
Min
Test
Frequency
(KHz)
SRF
Typ
(MHz) Min (2)
DCR
Ohms
(Max)
Rated DC
Current
mA (max)
PT12110
PT12111
PT12112
PT12113
PT12114
PT12115
PT12116
PT12117
PT12118
PT12119
PT12120
PT12121
PT12122
PT12123
PT12124
PT12125
PT12126
PT12127
PT12128
PT12129
PT12130
PT12131
PT12132
PT12133
PT12134
PT12135
PT12136
PT12137
PT12138
PT12139
PT12140
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.60
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.00
12.00
15.00
18.00
22.00
27.00
33.00
80
80
80
80
80
80
80
80
80
80
80
80
90
90
90
90
90
90
90
90
90
90
90
90
100
100
100
100
100
100
100
796.0
796.0
796.0
796.0
796.0
796.0
796.0
796.0
796.0
796.0
796.0
796.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
79.6
79.6
79.6
79.6
79.6
79.6
79.6
5.30
4.50
3.80
3.30
2.90
2.60
2.30
2.10
1.90
1.70
1.60
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.70
0.60
0.60
0.50
0.50
0.40
0.40
0.40
0.30
0.30
0.30
0.30
2.0
2.0
2.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
6.0
6.0
9.0
9.0
9.0
13.0
13.0
13.0
13.0
18.0
18.0
26.0
26.0
40.0
40.0
60.0
60.0
80.0
80.0
80.0
200
200
200
200
200
200
200
200
200
200
200
200
150
150
150
100
100
100
100
50
50
50
50
50
40
40
40
30
30
30
30
NOTE: 1. Version J: Inductance Value ±5% is also available.
Please add ‘J’ to above part number if Inductance Value ±5% is required ( i.e. PT12110J)
2.
Measurements are made at 25°C using HP4277A LCZ Meter. Self Resonant Frequency is for reference only.
3.
Full encapsulated units with Epoxy Resin are also available, please enquire for details.
4.
For non-RoHS parts, replace PT prefix with 42- (e.g. PT12110 becomes 42-12110).
5.
Terminal finish is compliant to RoHS requirements
MECHANICAL OUTLINES
121 Series Bobbin Type Fixed Inductors
Features
Excellent Temperature Stability
High Inductance and High Currents
Tinned Leads with Leaded Solder is Available (note 4)


Similar Part No. - PT12117

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT12117SL BOURNS-PT12117SL Datasheet
75Kb / 1P
Radial High Q Inductors
More results

Similar Description - PT12117

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
Murata Manufacturing Co...
1410313C MURATA-1410313C Datasheet
497Kb / 2P
Bobbin Type Inductors
KMP_1400 MURATA-KMP_1400 Datasheet
110Kb / 2P
Bobbin Type Inductors
logo
Allied Components Inter...
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
logo
Murata Power Solutions ...
1410313C MURATA-PS-1410313C Datasheet
340Kb / 2P
Bobbin Type Inductors
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com