Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT32/20/3-3C90 Datasheet(PDF) 4 Page - FERYSTER Inductive Components Manufacturer

Part # PLT32/20/3-3C90
Description  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PLT32/20/3-3C90 Datasheet(HTML) 4 Page - FERYSTER Inductive Components Manufacturer

  PLT32/20/3-3C90 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C90 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C90 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C90 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C90 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C90 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2004 Sep 01
4
Ferroxcube
Planar E cores and accessories
E32/6/20
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT), clamping force for AL measurements, 30 ±10 N.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C90
160
±3%
≈ 35
≈ 1200
E32/6/20-3C90-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3C90-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3C90-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3C90-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3C90-A630-P
7350
±25%
≈ 1610
≈ 0
E32/6/20-3C90
3C92
5760
±25%
≈ 1270
≈ 0
E32/6/20-3C92
3C93
6780
±25%
≈ 1500
≈ 0
E32/6/20-3C93
3C94
160
±3%
≈ 35
≈ 1200
E32/6/20-3C94-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3C94-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3C94-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3C94-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3C94-A630-P
7350
±25%
≈ 1610
≈ 0
E32/6/20-3C94
3C96
7350
±25%
≈ 1610
≈ 0
E32/6/20-3C96
3F3
160
±3%
≈ 35
≈ 1200
E32/6/20-3F3-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3F3-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3F3-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3F3-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3F3-A630-P
6780
±25%
≈ 1490
≈ 0
E32/6/20-3F3
3F4
160
±3%
≈ 35
≈ 1200
E32/6/20-3F4-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3F4-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3F4-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3F4-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3F4-A630-P
3700
±25%
≈ 810
≈ 0
E32/6/20-3F4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com