Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT32/20/3-3C96 Datasheet(PDF) 3 Page - FERYSTER Inductive Components Manufacturer

Part # PLT32/20/3-3C96
Description  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PLT32/20/3-3C96 Datasheet(HTML) 3 Page - FERYSTER Inductive Components Manufacturer

  PLT32/20/3-3C96 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C96 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C96 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C96 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C96 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PLT32/20/3-3C96 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Sep 01
3
Ferroxcube
Planar E cores and accessories
E32/6/20
Core halves for use in combination with an E core
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 30 ±10 N,
unless stated otherwise.
Note
1.
Measured in combination with an equal gapped E core half, clamping force for AL measurements, 30 ±10 N.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C90
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3C90-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3C90-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3C90-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3C90-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3C90-A630-E
6425
±25%
≈ 1650
≈ 0
E32/6/20-3C90
3C92
5000
±25%
≈ 1290
≈ 0
E32/6/20-3C92
3C93
5900
±25%
≈ 1520
≈ 0
E32/6/20-3C93
3C94
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3C94-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3C94-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3C94-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3C94-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3C94-A630-E
6425
±25%
≈ 1650
≈ 0
E32/6/20-3C94
3C96
6425
±25%
≈ 1650
≈ 0
E32/6/20-3C96
3F3
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3F3-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3F3-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3F3-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3F3-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3F3-A630-E
5900
±25%
≈ 1520
≈ 0
E32/6/20-3F3
3F4
160
±3%(1)
≈ 41
≈ 1200
E32/6/20-3F4-E160-E
250
±3%(1)
≈ 64
≈ 700
E32/6/20-3F4-E250-E
315
±3%
≈ 81
≈ 550
E32/6/20-3F4-A315-E
400
±5%
≈ 103
≈ 450
E32/6/20-3F4-A400-E
630
±8%
≈ 162
≈ 260
E32/6/20-3F4-A630-E
3200
±25%
≈ 820
≈ 0
E32/6/20-3F4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com