Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKS606Y/F Datasheet(PDF) 6 Page - FERYSTER Inductive Components Manufacturer

Part # PKS606Y/F
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PKS606Y/F Datasheet(HTML) 6 Page - FERYSTER Inductive Components Manufacturer

Back Button PKS606Y/F Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 9Page - FERYSTER Inductive Components Manufacturer PKS606Y/F Datasheet HTML 10Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PKS603-607
Rev. I 02/07
6
Figure 11. PeakSwitch Power Up with Optional External UV
Resistor (4 MW) Connected to EN/UV Pin.
PI-2661-072400
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
Figure 10. PeakSwitch Operation at Very Light Loading.
of a PeakSwitch design are constant, the power delivered
totheloadisproportionaltotheprimaryinductanceofthe
transformerandpeakprimarycurrentsquared.Hence,designing
thesupplyinvolvescalculatingtheprimaryinductanceofthe
transformerforthemaximumoutputpowerrequired.Ifthe
chosenPeakSwitchfamilymemberisappropriateforthepower
level,thecurrentinthecalculatedinductancewillrampupto
currentlimitbeforetheDC
MAXlimitisreached.
Enable Function
PeakSwitch
sensestheEN/UVpintodeterminewhetherornot
toproceedwiththenextswitchingcycleasdescribedearlier.
Thesequenceofcyclesisusedtodeterminethecurrentlimit.
Onceacycleisstarted,italwayscompletesthecycle(evenwhen
theEN/UVpinchangesstatehalfwaythroughthecycle).This
operationresultsinapowersupplyinwhichtheoutputvoltage
rippleisdeterminedbytheoutputcapacitor,amountofenergy
perswitchcycleandthedelayofthefeedback.
The EN/UV pin signal is produced on the secondary by
comparingthepowersupplyoutputvoltagewithareference
voltage.TheEN/UVpinsignalishighwhenthepowersupply
outputvoltageislessthanthereferencevoltage.
Inatypicalimplementation,theEN/UVpinisdrivenbyan
optocoupler. The collector of the optocoupler transistor is
connectedtotheEN/UVpinandtheemitterisconnectedto
theSOURCEpin.TheoptocouplerLEDisconnectedinseries
withaZenerdiodeacrosstheDCoutputvoltagetoberegulated.
Whentheoutputvoltageexceedsthetargetregulationvoltage
level(optocouplerLEDvoltagedropplusZenervoltage),the
optocouplerLEDwillstarttoconduct,pullingtheEN/UVpin
Figure 9. PeakSwitch Operation at Medium Loading.
PI-2377-091100
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
low.TheZenerdiodecanbereplacedbyaTL431reference
circuitforimprovedaccuracy.
ON/OFF Operation with Current-Limit State Machine
TheinternalclockofthePeakSwitchrunsallthetime.Atthe
beginningofeachclockcycle,itsamplestheEN/UVpinto
decidewhetherornottoimplementaswitchcycle,andbased
onthesequenceofsamplesovermultiplecycles,itdetermines
theappropriatecurrentlimit.Athighloads,whentheEN/UV
pinishigh(lessthan240µAoutofthepin),aswitchingcycle
withthefullcurrentlimitoccurs.Atlighterloads,whenEN/UV
ishigh,aswitchingcyclewithareducedcurrentlimitoccurs.
0
5
10
Time (ms)
0
100
200
0
300
5
0
100
200
V
DC-INPUT
V
BYPASS
V
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com