Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BH19NFSB Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # BH19NFSB
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BH19NFSB Datasheet(HTML) 1 Page - CIT Relay & Switch

  BH19NFSB Datasheet HTML 1Page - CIT Relay & Switch BH19NFSB Datasheet HTML 2Page - CIT Relay & Switch BH19NFSB Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
2A @ 36VDC; 1A @ 125VAC, 0.5A @ 250VAC
Electrical Life
50,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
16mm - 500 +/- 100gF; 19mm - 750 +/- 100gF
Actuator Travel
16mm - 1.6 +/- .25mm; 19mm - 2.0 +/- .25mm
Dielectric Strength:
2000Vrms min (contact to contact)
Insulation Resistance
>100M
Ω min
Sealing
IP65
Operating Temperature
Storage Temperature
-25
°C to 55°C
-25
°C to 55°C
MATERIALS
←RoHS COMPLIANT
Actuator
Stainless Steel, Brass (Nickel or Gold plated)
Threaded Body
Stainless Steel, Brass (Nickel or Gold plated)
Nut
Stainless Steel, Brass (Nickel or Gold plated)
Terminal Support
PBT
Contacts
Silver Alloy
Terminals
Brass, Nickel plated
ORDERING INFORMATION
BH SERIES
1. Series:
BH
BH
16
2. Switch Body Diameter:
16 = 16mm
19 = 19mm
N
3. Switch Function:
N = Momentary
R
4. Actuator Style:
M = Round
F = Flush
R = Raised
B = Flush – Ring Illuminated **only available in 16mm diameter (for 19mm illuminated, see AH series)
C = Flush – Dot Illuminated **only available in 16mm diameter (for 19mm illuminated, see AH series)
S
5. Switch Finish:
S = Brushed Stainless Steel
N = Nickel Plated Brass
P = Gold Plated Brass
Z
6. Terminal Options:
Z = Screw Terminal
B = Solder Lugs **illuminated versions only available with solder lugs
7. LED Color: **only available in 16mm diameter
Blank = No LED
RO = Red/Orange dual LED
YG = Yellow/Green dual LED
R = Red
RY = Red/Yellow dual LED
YB = Yellow/Blue dual LED
Y = Yellow
RG = Red/Green dual LED
GB = Green/Blue dual LED
G = Green
RB = Red/Blue dual LED
B = Blue
OY = Orange/Yellow dual LED
W = White
OG = Orange/Green dual LED
O = Orange
OB = Orange/Blue dual LED
8. LED Voltage: **only available in 16mm diameter
Blank = No LED
N = No internal resistor in series with the LED


Similar Part No. - BH19NFSB

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1900NUX ROHM-BH1900NUX Datasheet
1Mb / 22P
Digital Temperature Sensor IC
BH1900NUX-EVK-001 ROHM-BH1900NUX-EVK-001 Datasheet
616Kb / 3P
BH1900NUX-EVK-001 is an evaluation board for BH1900NUX, which is a ROHM Temperature Sensor. This User’s Guide is about how to use BH1900NUX-EVK-001 together with SensorShield that is sold as Shield-EVK-001.
Rev.001
BH1900NUX-TR ROHM-BH1900NUX-TR Datasheet
1Mb / 22P
Digital Temperature Sensor IC
logo
Adam Technologies, Inc.
BH191 ADAM-TECH-BH191 Datasheet
126Kb / 1P
BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH192 ADAM-TECH-BH192 Datasheet
126Kb / 1P
BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
More results

Similar Description - BH19NFSB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com