Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASR12P13P Datasheet(PDF) 5 Page - CIT Relay & Switch

Part # ASR12P13P
Description  CIT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ASR12P13P Datasheet(HTML) 5 Page - CIT Relay & Switch

  ASR12P13P Datasheet HTML 1Page - CIT Relay & Switch ASR12P13P Datasheet HTML 2Page - CIT Relay & Switch ASR12P13P Datasheet HTML 3Page - CIT Relay & Switch ASR12P13P Datasheet HTML 4Page - CIT Relay & Switch ASR12P13P Datasheet HTML 5Page - CIT Relay & Switch ASR12P13P Datasheet HTML 6Page - CIT Relay & Switch ASR12P13P Datasheet HTML 7Page - CIT Relay & Switch ASR12P13P Datasheet HTML 8Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.citswitch.com
page
159
phone – 763.535.2339 fax – 763.535.2194
ASR
ACTUATOR MARKINGS
A
B
C
D
E
F
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
B (3 Pole)
C (Single Pole)
C (Double Pole)
C (3 Pole)
D (Single Pole)
D (Double Pole)
D (3 Pole)
H (HS – Snap-in) = Horizontal Mount, Right Angle PC Pins (Single Pole)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com