Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BKME500ESS331ML25S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # BKME500ESS331ML25S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

BKME500ESS331ML25S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  BKME500ESS331ML25S Datasheet HTML 1Page - United Chemi-Con, Inc. BKME500ESS331ML25S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Bi-polarized, 105C
CAT. No. E1001E
Sleeve (PET)
L'
15min.
4min.
Vent
(except F5)
@Standard Bi-polarized type
@Endurance : 105C 1000 hours
@Solvent-proof type (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105C
6.3 to 100Vdc
P20% (M)
I=0.06CV or 10MA, whichever is greater. (at 20C after 2 minutes)
I=0.03CV or 3MA, whichever is greater. (at 20C after 5 minutes)
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 1000 hours
at 105C, however the polarization shall be reversed every 250 hours.
Rated voltage
6.3 to 16Vdc
25 to 100Vdc
Capacitance change
[P25% of the initial value
[P20% of the initial value
D.F. (tanE)
[150% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C
without voltage applied.
Rated voltage
6.3 to 16Vdc
25 to 100Vdc
Capacitance change
[P25% of the initial value
[P20% of the initial value
D.F. (tanE)
[150% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.24
10V
0.24
16V
0.20
25V
0.20
35V
0.16
50V
0.14
63V
0.12
80V
0.12
100V
0.10
6.3V
4
10
10V
3
8
35V
2
3
50V
2
3
63V
2
3
80V
2
3
100V
2
3
16V
2
6
25V
2
4
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
bi-polarized
KME-BP
KME
(F5 to F10)
Gas escape end seal
(F12.5 to F18)
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 0.1MF:R10,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,35V:350,50V:500)
Series code
Category
B K M E A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (radial lead type)"
(1/2)


Similar Part No. - BKME500ESS331ML25S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BKM16015 SCHNEIDER-BKM16015 Datasheet
95Kb / 2P
PowerPact B Circuit Breaker, 15A, 1P, 347V AC, 65kA at 347 UL EverLink
Jul 6, 2020
BKM16020 SCHNEIDER-BKM16020 Datasheet
95Kb / 2P
PowerPact B Circuit Breaker, 20A, 1P, 347V AC, 65kA at 347 UL EverLink
Jul 6, 2020
BKM16025 SCHNEIDER-BKM16025 Datasheet
95Kb / 2P
PowerPact B Circuit Breaker, 25A, 1P, 347V AC, 65kA at 347 UL EverLink
Jul 6, 2020
BKM16030 SCHNEIDER-BKM16030 Datasheet
95Kb / 2P
PowerPact B Circuit Breaker, 30A, 1P, 347V AC, 65kA at 347 UL EverLink
Jul 6, 2020
BKM26015 SCHNEIDER-BKM26015 Datasheet
100Kb / 2P
PowerPact B Circuit Breaker, 15A, 2P, 600Y/347V AC, 65kA at 600Y/347 UL EverLink
Jul 6, 2020
More results

Similar Description - BKME500ESS331ML25S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com