Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSC2.5VB820MH08 Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # PSC2.5VB820MH08
Description  Conductive polymer Aluminum solid capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

PSC2.5VB820MH08 Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  PSC2.5VB820MH08 Datasheet HTML 1Page - United Chemi-Con, Inc. PSC2.5VB820MH08 Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nippon Chemi-Con Corporation
Standard Rating
*Note: Specifications are subject to change without notice.
Issued by PS engineering group, Aug. 2004
Part Number
Rated
Voltage
(V)
Nominal
Capacitance
(µF)
Leakage
Current
(µA)
ESR
at 20
℃?
100
? 300kHz
(mO)
Ripple
Current
at
105
℃,100kHz
(mArms)
PSC2.5VB560MH08
2.5
560
500
7
6100
PSC2.5VB820MH08
2.5
820
500
7
6100
PSC2.5VB1000MH11
2.5
1000
500
7
6100
PSC2.5VB2700MJ11
2.5
2700
1350
8
5580
PSC4VB560MH08
4
560
500
7
6100
PSC4VB680MH11
4
680
544
7
6100
PSC4VB1000MJ11
4
1000
800
6
6640
PSC6.3VB470MH08
6.3
470
592
8
5700
PSC6.3VB820MJ11
6.3
820
1033
6
6640
PSC6.3VB1500MJ11
6.3
1500
1890
10
5560
PSC10VB390MH11
10
390
780
8
5650
PSC10VB680MJ11
10
680
1360
7
6100
PSC16VB270MH11
16
270
864
11
5080
PSC16VB330MJ12
16
330
1056
10
6100
PSC16VB470MJ12
16
470
1504
10
6100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com