Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APSA2R5ESS102MJB5S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APSA2R5ESS102MJB5S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APSA2R5ESS102MJB5S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APSA2R5ESS102MJB5S Datasheet HTML 1Page - United Chemi-Con, Inc. APSA2R5ESS102MJB5S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Radial Lead
CAT. No. E1001E
?STANDARD RATINGS
?PART NUMBERING SYSTEM
WV(Vdc)
Cap(mF)
Case size
fDbL(mm)
ESR
(momax/20c, 100k to 300kHz)
Rated ripple current
(mArms/105c, 100kHz)
Part No.
2.5
390
6.3B9.8
20
3160
APSA2R5ESS391MF9JG
680
8B11.5
7
5580
APSA2R5ESS681MHB5S
820
8B11.5
7
5580
APSA2R5ESS821MHB5S
1000
10B11.5
6
5860
APSA2R5ESS102MJB5S
4
270
6.3B9.8
20
3160
APSA4R0ESS271MF9JG
390
6.3B9.8
24
3300
APSA4R0ESS391MF9JG
560
8B11.5
7
5580
APSA4R0ESS561MHB5S
820
10B11.5
6
5860
APSA4R0ESS821MJB5S
6.3
220
6.3B9.8
20
3160
APSA6R3ESS221MF9JG
330
6.3B9.8
28
3190
APSA6R3ESS331MF9JG
390
8B11.5
8
5080
APSA6R3ESS391MHB5S
680
10B11.5
7
5860
APSA6R3ESS681MJB5S
10
47
6.3B9.8
25
2820
APSA100ESS470MF9JG
68
6.3B9.8
25
2820
APSA100ESS680MF9JG
100
6.3B9.8
25
2820
APSA100ESS101MF9JG
150
6.3B9.8
25
2820
APSA100ESS151MF9JG
270
8B11.5
9
4710
APSA100ESS271MHB5S
470
10B11.5
8
5650
APSA100ESS471MJB5S
16
100
6.3B9.8
25
2820
APSA160ESS101MF9JG
SS : Lead forming code and taping code
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 270MF:271,1000MF:102)
Lead forming·Taping code
Terminal code
Voltage code (ex. 4V:4R0,6.3V:6R3,10V:100)
Series code
Category
A P S A A A A E A A A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (conductive polymer type)"
Upgrade!
(2/2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com