Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APXA160ARA331MJC0S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # APXA160ARA331MJC0S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXA160ARA331MJC0S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  APXA160ARA331MJC0S Datasheet HTML 1Page - United Chemi-Con, Inc. APXA160ARA331MJC0S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Surface Mount
CAT. No. E1001E
?SPECIFICATIONS
(at 20C, 120Hz)
(at 105C)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Bias Humidity
Surge Voltage
Failure Rate
Items
-55 to +105C
2.5 to 25Vdc
P20% (M)
Rated voltageB1.15V
Shall not exceed values shown in STANDARD RATINGS.
0.12 max.
Z(-25C)/Z(+20C)[1.15
Z(-55C)/Z(+20C)[1.25
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours
at 105C.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
DF (tanE)
[150% of the initial specified value
ESR
[150% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after subjecting them to the DC rated voltage at
60C, 90 to 95% RH for 500 hours.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
DF (tanE)
[150% of the initial specified value
ESR
[150% of the initial specified value
Leakage current
[The initial specified value
The capacitors shall be subjected to 1000 cycles each consisting of charge with the surge voltage specified at 105C for 30 seconds
through a protective resistor(R=1kO) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
DF (tanE)
[150% of the initial specified value
ESR
[150% of the initial specified value
Leakage current
[The initial specified value
1% per 1000 hours maximum (Confidence level 60% at 105C)
Characteristics
?PART NUMBERING SYSTEM
?DIMENSIONS [mm]
?MARKING
A905
39
16V
EX) PXA16VC39M
*Note : If any doubt arises, measure the leakage current after following voltage treatment.
Voltage treatment : DC rated voltage are applied to the capacitors for 120 minutes at 105C.
@Super low ESR, impedance and high heat resistance have been obtained by using
conductive polymer as electrolyte
@Rated voltage range : 2.5 to 25Vdc, case size range : F6.3B5.2L to F10B12.2L
(Case code HC0 and JC0 newly added)
@Suitable for DC-DC converters, voltage regulators and decoupling applications used to
computer motherboards etc.
@High heat resistance to reflow soldering (See reflow soldering conditions)
@Pb-free design
LP0.3 (Note)
0.3max.
AP0.2
W
Note : LP0.5 for HC0 and JC0
Size code
F55
F60
H70
J80
HC0
JC0
fD
6.3
6.3
8
10
8
10
L
5.2
5.7
6.7
7.7
12.0
12.2
A
6.6
6.6
8.3
10.3
8.3
10.3
B
6.6
6.6
8.3
10.3
8.3
10.3
C
7.2
7.2
9.0
11.0
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
P
1.9
1.9
3.1
4.5
3.1
4.5
@Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 10MF:100,100MF:101)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100)
Series code
Category
A P X A A A A A R A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (conductive polymer type)"
(1/2)


Similar Part No. - APXA160ARA331MJC0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXA160ARA331MJC0G CHEMI-CON-APXA160ARA331MJC0G Datasheet
67Kb / 2P
PXANPCAPTM- Series
APXA160ARA331MJC0G CHEMI-CON-APXA160ARA331MJC0G Datasheet
308Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXA160ARA331MJC0S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
4SVQP150M PANASONIC-4SVQP150M Datasheet
436Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com