Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFR207 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SFR207
Description  SOFT RECOVERY FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SFR207 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SFR207 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SFR207 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOFT RECOVERY FAST SWITCHING RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
SFR201 THRU SFR207
CURRENT
2.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.014ounce, 0.39 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SFR
201
SFR
202
SFR
203
SFR
204
SFR
205
SFR
206
SFR
207
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 55℃
I(AV)
2.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
60
Amps
Maximum Instantaneous Forward Voltage @ 2.0A
VF
1.3
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
200
µA
Maximum Reverse Recovery Time
Test conditions IF=0.5A IR=1.0A,IRR=0.25A
trr
100
150
200
ns
Typical Junction Capacitance (Note 1)
CJ
30
pF
Typical Thermal Resistance (Note 2)
RθJA
22
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
2. Measured at 1.0MHz and applied reverse voltage of 4.0v
DO-15
DIA.
.034(0.9)
.028(0.7)
DIA.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)


Similar Part No. - SFR207

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR207 JGD-SFR207 Datasheet
143Kb / 2P
2.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR207 TSC-SFR207 Datasheet
66Kb / 2P
2.0 AMPS. Soft Fast Recovery Rectifiers
SFR207 TSC-SFR207 Datasheet
243Kb / 2P
2.0 AMPS. Soft Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SFR207 DSK-SFR207 Datasheet
345Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR207 LUGUANG-SFR207 Datasheet
1Mb / 2P
2.0AMP. Soft Fast Recovery Rectifiers
More results

Similar Description - SFR207

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE569 NTE-NTE569 Datasheet
17Kb / 1P
Silicon Rectifier Fast Switching, Soft Recovery
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
MIC GROUP RECTIFIERS
BY500-100 MIC-BY500-100 Datasheet
52Kb / 2P
SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR101 MIC-SFR101 Datasheet
51Kb / 2P
SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR501 MIC-SFR501 Datasheet
52Kb / 2P
SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
24-Jul-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com