Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC60UT2 Datasheet(PDF) 3 Page - XP Power Limited

Part # CPC60UT2
Description  Triple Output Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPC60UT2 Datasheet(HTML) 3 Page - XP Power Limited

  CPC60UT2 Datasheet HTML 1Page - XP Power Limited CPC60UT2 Datasheet HTML 2Page - XP Power Limited CPC60UT2 Datasheet HTML 3Page - XP Power Limited CPC60UT2 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.xpplc.com
sales@xpplc.com
Supplied as cover kit (not fitted). Order as CPC30/COVER KIT
Supplied fitted use suffix C e.g. CPC30UT1-C
Covered Version
PIN ASSIGNMENT
CN1
CN2
I/O Connector
Mating Connector (Terminal)
CN1
B3P5-VH
VHR-5N (SVH-21T-1.1
or SVH-21-P1.1)
CN2
B6P-VH
VHR-6N (SVH-21T-1.1
or SVH-21T-P1.1))
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5FG
Pin No.
Input
1V 3
2G 2
3G 2
4V 2
5G 1
6V 1
Fuse Rating 250 V T3 A
Mfr: JST
PCB Version
Mechanical Details - 30 Watt Models
Mechanical Details - 60 Watt Models
NOTES:
2 A per pin maximum for CN2
Weight: 220g or less
Tolerance: +1
Dimensions in mm
PWB Material: Glass composite (CEM3)
PIN ASSIGNMENT
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5FG
Pin No.
Input
1V 3
2G 2
3G 2
4V 2
5G 1
6G 1
7V 1
8V 1
Fuse Rating 250 V T3 A
PCB Version
Covered Version
Supplied as cover kit (not fitted). Order as CPC60/COVER KIT
Supplied fitted use suffix C e.g. CPC60UT1-C
I/O Connector
Mating Connector (Terminal)
CN1
B3P5-VH
VHR-5N (SVH-21T-1.1
or SVH-21-T-P1.1)
CN2
B8P-VH
VHR-8N(SVH-21T-1.1
or SVH-21T-P1.1)
Mfr: JST
NOTES:
5 A per pin maximum for CN2
Weight: 300g or less
Tolerance: +1
Dimensions in mm
PWB Material: Glass composite (CEM3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com