Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZAPD-2-252 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZAPD-2-252
Description  Power Splitter/Combiner 2 Way-0 50廓 5 to 2500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZAPD-2-252 Datasheet(HTML) 1 Page - Mini-Circuits

  ZAPD-2-252 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
2 Way-0°
50Ω
5 to 2500 MHz
Power Splitter/Combiner
Coaxial
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.04W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
2.00
2.00
.75
1.00
.25
1.500
.125
50.80
50.80
19.05
25.40
6.35
38.10
3.18
H
J
K
L
wt
.39
1.00
.50
1.00
grams
9.91
25.40
12.70
25.40
170.0
Features
• wideband, 5 to 2500 MHz, useable from 0.5 to 3000 MHz
• low insertion loss, 1.0 dB typ.
• excellent amplitude unbalance, 0.2 dB typ.
• excellent phase unbalance, 2 deg. typ.
• rugged shielded case
Applications
• VHF/UHF
• PCS
• GPS
• cellular
• instrumentation
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
Electrical Specifications
ZAPD-2-252+
INSERTION LOSS
3.0
3.5
4.0
4.5
5.0
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
S-1
S-2
ZAPD-2-252+
ISOLATION
15
17
19
21
23
25
27
29
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
ZAPD-2-252+
VSWR
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
Typical Performance Data
electrical schematic
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
REV. A
M114335
ZAPD-2-252+
ED-12950/1
HY/CP
080714
ZAPD-2-252+
For option B with N-type connectors, dimension "C" increases to 0.94 inches.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
S
OUT
Typ. Min. Typ. Min. Typ. Min. Typ. Max. Typ. Max. Typ. Max. Max. Max. Max. Max. Max. Max. Typ. Max. Typ. Max.
5-2500
25
19
17
14
17
14
0.3 0.6 0.8 1.7 1.5 2.4
2
3
5
0.2
0.4
0.6
1.6
—
1.3
—
5.00
3.33
3.32
0.01
24.94
0.03
1.07
1.20
1.20
150.00
3.37
3.36
0.02
26.51
0.08
1.11
1.10
1.09
300.00
3.42
3.41
0.01
24.22
0.06
1.19
1.14
1.12
450.00
3.51
3.49
0.02
21.69
0.12
1.27
1.18
1.16
600.00
3.60
3.57
0.03
20.59
0.19
1.36
1.22
1.20
750.00
3.68
3.64
0.04
19.22
0.26
1.45
1.27
1.25
900.00
3.83
3.79
0.04
17.61
0.24
1.54
1.31
1.30
1000.00
3.85
3.82
0.02
17.12
0.41
1.61
1.35
1.34
1200.00
3.99
3.94
0.05
16.83
0.08
1.73
1.42
1.41
1400.00
4.14
4.02
0.13
17.10
1.12
1.84
1.49
1.49
1600.00
4.39
4.38
0.01
17.09
1.56
1.89
1.52
1.53
1800.00
4.57
4.61
0.04
16.43
2.12
1.88
1.52
1.54
2000.00
4.67
4.69
0.02
17.14
2.02
1.77
1.48
1.49
2400.00
4.44
4.48
0.03
23.33
2.38
1.37
1.28
1.29
2500.00
4.54
4.52
0.02
22.33
2.12
1.26
1.23
1.25
CASE STYLE: F14
Connectors Model
Price
Qty.
N-TYPE
ZAPD-2-252-N+
$79.95
(1-9)
SMA
ZAPD-2-252-S+
$79.95
(1-9)
N-Type version shown
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZAPD-2-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2-252-75 MINI-ZAPD-2-252-75 Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
ZAPD-2-252-75+ MINI-ZAPD-2-252-75+ Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
More results

Similar Description - ZAPD-2-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2-252-75 MINI-ZAPD-2-252-75 Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZFSC-2-2500 MINI-ZFSC-2-2500 Datasheet
219Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 2500 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com