Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZN2PD2-50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZN2PD2-50
Description  Power Splitter/Combiner 2 Way-0 50廓 500 to 5000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZN2PD2-50 Datasheet(HTML) 1 Page - Mini-Circuits

  ZN2PD2-50 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
Max.
Max.
S
OUT
Typ. Min.
Typ.
Max.
Typ. Max. Typ. Max.
500-5000
25
15
0.8
1.4
4
0.5
1.2
1.1
600-1600
24
17
0.7
1.1
2
0.3
1.2
1.1
1600-2700
26
18
0.8
1.2
3
0.3
1.2
1.1
2700-3600
28
19
0.9
1.3
3
0.4
1.2
1.1
3700-4800
22
18
0.9
1.4
4
0.5
1.2
1.1
ZN2PD2-50+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
ZN2PD2-50+
2 Way-0
°
50
500 to 5000 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
0.25W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. C
M108294
ZN2PD2-50+
ED-7451/1
LC/TD/CP/AM
080610
AB
C
D
E
F
G
4.50
2.50
.67
.400
4.100
.125
.125
114.30
63.50
17.02
10.16 104.14
3.18
3.18
HJ
K
L
M
wt
2.375
.33
.75
1.75
1.25
grams
60.33
8.38
19.05
44.45
31.75
247
Features
• wideband, 500 to 5000 MHz
• excellent amplitude unbalance, 0.05 dB typ.
• excellent phase unbalance, 0.5 deg. typ.
• up to 10W power input as splitter
Applications
• UHF TV
• cellular/ISM/SMG/GSM
• satellite distribution
• GPS/L BAND (MARSAT)
• PCS/DCS/UMTS
• MMDS
• SATCOM
Coaxial Connections
SUMPORT
S
PORT 1
1
PORT 2
2
CASE STYLE: VVV845
Connectors Model
Price
Qty.
SMA
ZN2PD2-50-S+
$74.95
(1-9)
ZN2PD2-50+
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
FREQUENCY (MHz)
S-1
S-2
ZN2PD2-50+
ISOLATION
10
15
20
25
30
35
40
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
FREQUENCY (MHz)
Electrical Specifications
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
500.00
3.28
3.31
0.04
18.32
0.02
1.33
1.09
1.10
550.00
3.26
3.29
0.03
20.81
0.02
1.27
1.07
1.07
600.00
3.25
3.29
0.04
23.61
0.09
1.22
1.07
1.07
700.00
3.26
3.29
0.03
26.64
0.12
1.18
1.10
1.10
800.00
3.31
3.35
0.04
23.51
0.07
1.22
1.14
1.14
900.00
3.35
3.39
0.04
21.06
0.04
1.29
1.16
1.16
1000.00
3.70
3.74
0.03
20.52
0.12
1.33
1.14
1.15
1500.00
3.71
3.72
0.01
31.72
0.23
1.20
1.15
1.13
2000.00
3.76
3.81
0.05
24.24
0.19
1.28
1.10
1.10
2500.00
3.73
3.78
0.06
29.88
0.36
1.07
1.04
1.02
3000.00
3.79
3.83
0.04
29.70
0.48
1.16
1.10
1.11
3500.00
3.87
3.90
0.02
26.49
0.58
1.20
1.10
1.09
4000.00
3.88
3.90
0.03
27.25
0.54
1.15
1.07
1.06
4500.00
3.93
3.94
0.01
23.23
0.81
1.13
1.06
1.01
5000.00
3.66
3.62
0.04
21.19
1.03
1.09
1.26
1.15
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - ZN2PD2-50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZN2PD2-14W MINI-ZN2PD2-14W Datasheet
268Kb / 3P
Power Splitter/Combiner
ZN2PD2-14W+ MINI-ZN2PD2-14W+ Datasheet
268Kb / 3P
Power Splitter/Combiner
ZN2PD2-14W-S+ MINI-ZN2PD2-14W-S+ Datasheet
268Kb / 3P
Power Splitter/Combiner
ZN2PD2-63 MINI-ZN2PD2-63 Datasheet
100Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 350 to 6000 MHz
ZN2PD2-63+ MINI-ZN2PD2-63+ Datasheet
100Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 350 to 6000 MHz
More results

Similar Description - ZN2PD2-50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-21 MINI-ZAPD-21 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 2000 MHz
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com