Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPDTH03010WAS Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH03010WAS
Description  Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH03010WAS Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MPDTH03010WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH03010WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH03010WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH03010WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH03010WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH03010WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPDTH_10 Series.A04 Page 4 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***10 Series
Adjustable Non-isolated 12/15-Amp
POLA DC/DC Converters
PRINTED CIRCUIT LAYOUT PATTERN RECOMMENDATION
Surface Mount Models MPDTH_WAS
Through-hole Pins Models MPDTH_WAH
EFFICIENCY VS. OUTPUT VOLTAGE
Models MPDTH05010WAS/WAH
Vout
Efficiency (typ.)
Rset Trim Resistor
3.3 V.
95%
698 Ω
2.5 V.
93%
2.21 KΩ
2.0 V.
92%
4.12 KΩ
1.8 V.
91%
5.49 KΩ
1.5 V.
90%
8.87 KΩ
1.2 V.
88%
17.4 KΩ
1.0 V.
86%
36.5 KΩ
Iout=10 Amps
Models MPDTH12010WAS/WAH
Vout
Efficiency (typ.)
Rset Trim Resistor
5.0 V.
94%
280 Ω
3.3 V.
93%
2.0 KΩ
2.5 V.
91%
4.32 KΩ
2.0 V.
90%
8.06 KΩ
1.8 V.
89%
11.5 KΩ
1.5 V.
88%
24.3 KΩ
1.2 V.
86%
Open
Iout=8 Amps
Models MPDTH03010WAS/WAH
Vout
Efficiency (typ.)
Rset Trim Resistor
2.5 V.
93%
2.21 KΩ
2.0 V.
92%
4.12 KΩ
1.8 V.
91%
5.49 KΩ
1.5 V.
89%
8.87 KΩ
1.2 V.
87%
17.4 KΩ
1.0 V.
85%
36.5 KΩ
Iout=10 Amps
EFFICIENCY VS. OUTPUT VOLTAGE AND LOAD CURRENT @ 25°C
MPDTH03010W (Vin = 3.3V)
MPDTH05010W (Vin = 5V)
MPDTH12010W (Vin = 12V)
50
60
70
80
90
100
02
46
8
10
12
Load Current (Amps)
Vout = 3.3 V
Vout = 5.0 V
Vout = 1.8 V
Vout = 1.2 V
Vout = 2.5 V
Dimensions are in millimeters.
Dimensions are in millimeters.
φ1.4 Min. 10 Places
Plated through hole.
35.85
2.03
9.52
15.88
3.18
3.18
TOP VIEW
φ 2.16 Min. 10 Places
35.85
2.03
9.52
15.88
3.18
3.18
TOP VIEW
50
60
70
80
90
100
0369
12
15
Load Current (Amps)
Vout = 2.5 V
Vout = 3.3 V
Vout = 1.2 V
Vout = 1.8 V
50
60
70
80
90
100
036
9
12
15
Load Current (Amps)
Vout = 1.8 V
Vout = 2.5 V
Vout = 1.0 V
Vout = 1.2 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com