Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPDTH05050WAS Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH05050WAS
Description  Adjustable Non-isolated 6-Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH05050WAS Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MPDTH05050WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH05050WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH05050WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH05050WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH05050WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH05050WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPDTH_50 Series.A08 Page 3 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***50 Series
Adjustable Non-isolated 6-Amp
POLA DC/DC Converters
MAXIMUM SAFE OPERATING AREA (DERATING)
MECHANICAL SPECIFICATIONS
Solder Ball
1.02
6 Places
SIDE VIEW
9.09
MAX.
3.18
22.10
TOP VIEW
1.52
1
2
5
19.06
6
1.52
3
4
3.18
3.18
1.02
6 Places
SIDE VIEW
3.55
3.18
22.10
TOP VIEW
1.52
1
2
5
19.06
6
1.52
3
4
3.18
3.18
Host Board
8.50
MAX.
Bottom side
Clearance
0.25MIN.
Surface Mount Models MPDTH_WAS
MPDTH03050
Vout = 2.5V
Natural convection
Units soldered to a 4" x 4" 4-layer PCB
with 1 oz. copper.
Vin = 5v, Vout = 3.3V
Natural convection
All output voltages
MPDTH05050
MPDTH12050
Through-hole Pins Models MPDTH_WAH
Third Angle Projection
Dimensions are in mm.
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
I/O CONNECTIONS (Bottom view shown)
Pin/Pad
Function
Pin/Pad
Function
6
Output (Vout)
1
Ground
2
Track Input
3
Input (Vin)
5
Vout Adjust (trim)
4
Inhibit remote On/Off control
20
30
40
50
60
70
80
90
01
234
56
Iout - Amps
20
30
40
50
60
70
80
90
01
234
56
Iout - Amps
20
30
40
50
60
70
80
90
0123
456
Iout - Amps
Natural Convection
100 LFM
200 LFM
400 LFM
Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com