Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VR091B080CL Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # VR091B080CL
Description  DC/DC Converter Programmable, Single Output, 1.100V - 1.85V @ 80A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR091B080CL Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  VR091B080CL Datasheet HTML 1Page - Murata Power Solutions Inc. VR091B080CL Datasheet HTML 2Page - Murata Power Solutions Inc. VR091B080CL Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 1.100V - 1.85V @ 80A
Mechanical Information
Figure 1
Pinout Information
* Notch of this product will be between pins 11 & 12 and 51 & 52
* Recommended connector= AMP#1489165-3 = VRM9.1 Rating
Table 2:
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1
VIN+
14VO+
27
VO-
40VO-
53
OUTEN
2
VIN+
15
VO-
28
VO+
41
VO+
54
Ishare
3
VIN+
16VO+
29
VO-
42VO-
55
VID0
4
VIN+
17VO-
30
VO+
43VO+
56
VID2
5
Reserved
18
VO+
31
VO-
44
VO-
57
VID4
6
Key
19
VO-
32
VO-
45
VO+
58
VRM-pres
7
VID3
20VO+
33
VO+
46VO-
59
VIN-
8
VID1
21VO-
34
VO-
47VO+
60
VIN-
9
Reserved
22
VO+
35
VO+
48
VO-
61
VIN-
10
PWRGD
23
VO-
36
VO-
49
VO+
62
VIN-
11
VO-sen-
24
VO+
37
VO+
50
VO+
12
Reserved
25
VO-
38
VO-
51
Reserved
13
VO-
26
VO+
39
VO+
52
VO-sen+
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com