Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OS910-DC-2 Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # OS910-DC-2
Description  OptiSwitch짰 900 Series - Service Demarcation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

OS910-DC-2 Datasheet(HTML) 4 Page - MRV Communications, Inc.

  OS910-DC-2 Datasheet HTML 1Page - MRV Communications, Inc. OS910-DC-2 Datasheet HTML 2Page - MRV Communications, Inc. OS910-DC-2 Datasheet HTML 3Page - MRV Communications, Inc. OS910-DC-2 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRV-OS-900
Rev.5 01 -09
Copyright ©2009 MRV Communications, Inc. All Rights Reserved.
Standard compliance
UL-1950; FCC part 15 Class B; 2004/108/EC, 2006/95/EC RoHS compliant
Environment
Operating Temp: 0˚ - 45˚C (32˚ - 113˚F) Storage Temp: -25˚ - 70˚C (-13˚ - 158˚F) - ETSI EN300-019 class 3.1
Humidity
95% maximum , non-condensing
MTBF
Performance
Non-blocking wire speed on all ports
Power Specifications
Physical dimensions
WxDxH
Weight
1.3kg (2.86 lb)
1.6kg (3.52 lb) - dual PS models
Technical Specifications
Fast Ethernet and Gigabit Ethernet fiber connectivity: For ordering codes of SFP pluggable optics, please refer to MRV’s web site.
• Round Trip Reporter for IP Services
• Link OAM IEEE 802.3ah - EFM
- Auto discovery,Dying Gasp & SNMP trap,loopback
• Discovery Link Fault / Critical Dying Gasp
• Physical layer OAM - Cable Diagnostics
- Optical signal level monitoring (SFP SFF-8472)
- Copper TDR on RJ45 ports
• Remote failure notification / reflection
- Link Integrity Notification (LIN)
• Binding OAM CCM for service protection mechanisms
OS900 Series
OS904/AC-1
Intelligent Ethernet Services Demarcation platform - 2 Tri-Mode 100FX/1000FX SFP or RJ45 10/100
1000Base-T and 2x100FX/1000FX SFP, AC (90-240VAC) power supply.19” bracket included.
OS904/DC-1
Intelligent Ethernet Services Demarcation platform - 2 Tri-Mode 100FX/1000FX SFP or RJ45 10/100
1000Base-T and 2x100FX/1000FX SFP ports, DC (-48VDC) power supply.19” bracket included.
OS906/AC-1
Intelligent Ethernet Services Demarcation platform - 6 Tri-Mode 100FX/1000FX SFP or RJ45 10/100
1000Base-T, AC (90-240VAC) power supply. 19” bracket included
OS906/AC-2
Intelligent Ethernet Services Demarcation platform - 6 Tri-Mode 100FX/1000FX SFP or RJ45 10/100
1000Base-T, dual redundant AC (90-240VAC) power supply. 19” bracket included
OS906/DC-1
Intelligent Ethernet Services Demarcation platform - 6 Tri-Mode 100FX/1000FX SFP or RJ45 10/100
1000Base-T, DC (-48VDC) power supply. 19” bracket included
OS906/DC-2
Intelligent Ethernet Services Demarcation platform - 6 Tri-Mode 100FX/1000FX SFP or RJ45 10/100
1000Base-T, dual redundant DC (-48VDC) power supply. 19” bracket included
OS910/AC-1
Intelligent Ethernet Services Demarcation platform - 8 RJ45 10/100/1000Base-T and 2 100FX/1000FX SFP
ports, AC (90-240VAC) power supply
OS910/AC-2
Intelligent Ethernet Services Demarcation platform - 8 RJ45 10/100/1000Base-T and 2 100FX/1000FX SFP
ports, Dual redundant AC (90-240VAC) power supply
OS910/DC-1
Intelligent Ethernet Services Demarcation platform - 8 RJ45 10/100/1000Base-T and 2 100FX/1000FX SFP
ports, (-48VDC) power supply
OS910/DC-2
Intelligent Ethernet Services Demarcation platform - 8 RJ45 10/100/1000Base-T and 2 100FX/1000FX SFP
ports, Dual redundant DC (-48VDC) power supply
OS912-AC-2
Intelligent Ethernet Services Demarcation platform - 12 Tri-Mode 100FX/1000FX SFP or RJ45 10/100/
1000Base-T ports, 19” bracket included, Dual redundant AC (90-240 VAC) power supply
OS912-DC-2
Intelligent Ethernet Services Demarcation platform - 12 Tri-Mode 100FX/1000FX SFP or RJ45 10/100/
1000Base-T ports, 19” bracket included, Dual redundant DC (-48 VDC) power supply
Accessories
EM900-BR-1
19” mounting brackets for a Telco rack
EM900-BR-2
23” mounting brackets for a Telco rack
EM900-BR-D
19” mounting brackets for side-to-side installation of dual OS900 - Two systems in 19”
EM900-BR-E
19” mounting brackets for side-to-side installation of dual OS900 and LDP100 side-to-side
EM900-WBR
Wall mounting bracket for OS900 series
MegaVision SNMP NMS
MV-WEB/PRO
MegaVision Pro NMS complete package includes MegaVision Pro for one server and unlimited number of
Web clients.
AC
DC
OS904/AC-1: 110V - 0.14A, 220V -0.07A (15W) - max.
OS904/DC-1: 0.69A
(25W) - max.
OS906/AC-1: 110V - 0.25A, 220V -0.13A (27W) - max.
OS906/AC-2: 110V - 0.35A, 220V -0.18A (39W) - max.
OS906/DC-1: 0.69A
(25W) - max.
OS906/DC-2: 0.92A
(33W) -max.
OS910/AC-1: 110V - 0.25A, 220V -0.13A (25W) - max.
OS910/AC-2: 110V - 0.35A, 220V -0.18A (39W) - max.
OS910/DC-1: 0.69A
(25W) - max.
OS910/DC-2: 1.1A
(39W) - max.
OS912-AC-2: 110V - 0.35A, 220V -0.18A (39W) - max.
OS912-DC-2: 1.1A
(39W) - max.
OS904/AC-1
OS904/DC-1
219.6 x 265 x 43.65mm
(8.45 x 9.45 x 1.72 inch)
OS906/AC-1
OS906/AC-2
OS906/DC-1
OS906/DC-2
219.6 x 265 x 43.65mm
(8.45 x 9.45 x 1.72 inch)
443.0 x 204 x 43.65mm
(17.4 x 8.03 x 1.72 inch)
OS910/AC-1
OS910/AC-2
OS910/DC-1 & OS910/DC-2
214.6 x 240 x 43.65mm
(8.45 x 9.45 x 1.72 inch)
316.6 x 240 x 43.65mm
(8.45 x 9.45 x 1.72 inch)
OS912-AC-2
OS912-DC-2
443.0 x 204 x 43.65mm
(17.4 x 8.03 x 1.72 inch)
AC
DC
OS904/AC-1: 283,000 Hrs @ 25˚C/77˚F
OS904/DC-1: 459,892 Hrs @ 25˚C/77˚F
OS906/AC-1: 161,021 Hrs @ 25˚C/77˚F
OS906/AC-2: 237,510 Hrs @ 25˚C/77˚F
OS906/DC-1: 386,477 Hrs @ 25˚C/77˚F
OS906/DC-2: 468,893 Hrs @ 25˚C/77˚F
OS910/AC1: 220,733 HRS @ 25˚C/77˚F
OS910 -AC2: 380,000 HRS @ 25˚C/77˚F
OS910/DC-1: 463,503 Hrs @ 25˚C/77˚F
OS910/DC-2: 505,749 Hrs @ 25˚C/77˚F
OS912-AC-2 : 252,266Hrs @ 25˚C/77˚F
OS912/DC-2: 317,196 Hrs @ 25˚C/77˚F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com