Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

688LBA035M2CD Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 688LBA035M2CD
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

688LBA035M2CD Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  688LBA035M2CD Datasheet HTML 1Page - Illinois Capacitor, Inc. 688LBA035M2CD Datasheet HTML 2Page - Illinois Capacitor, Inc. 688LBA035M2CD Datasheet HTML 3Page - Illinois Capacitor, Inc. 688LBA035M2CD Datasheet HTML 4Page - Illinois Capacitor, Inc. 688LBA035M2CD Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
114
®
LBA
+ 85°C Snap-Mount
Aluminum Electrolytic
Capacitors
PHYSICAL DIMENSIONS
35
(44)
16
(20)
10
(13)
80
(100)
50
(63)
63
(79)
100
(125)
160
(200)
200
(250)
250
(300)
350
(400)
400
(450)
WVDC
(SV)
µF
25
(32)
450
(500)
500
(550)
47
22x25
68
25x25
100
22x30
22x30
22x35
22X40
25x25
25X30
30X25
150
25x20
25x30
22x40
25x40
22X50
25x30
25X40
30X35
35X30
220
22x20
22x25
22x30
30x30
22x50
30x40
25X50
25x20
25x25
25x40
30X45
30x20
35X35
330
22x25
22x30
22x40
30x40
30x45
35x40
35X45
25x25
25x30
35x30
30x25
470
25x25
22x40
22x50
30x30
35x45
35x50
25x30
25x40
35x40
40x35
25x35
30x25
560
25x35
30x35
680
22x25
30x25
25x40
30x35
35x25
30x40
35x30
820
30x40
30x45
35x35
1000
22x25
22x35
30x30
30x45
30x45
25x25
30x35
35x30
30x50
35x25
35x35
35x40
1200
30x35
30x45
35x45
35x30
30x50
35x50
35x35
35x40
1500
22x25
25x25
25x35
35x35
35x40
35x50
35x45
1800
30x50
35x45
35x40
35x50
2200
25x20
22x25
25x25
22x40
25x45
35x50
35x50
25x35
30x35
40x40
35x30
3300
22x25
22x30
25x35
25x45
35x35
25x25
35x30
40x30
4700
22x25
22x30
22x40
25x35
22x35
35x45
25x25
25x35
25x45
35x30
40x35
30x25
30x30
35x25
35x35
5600
22x30
6800
22x35
22x35
25x45
35x35
35x45
25x25
22x40
35x30
25x30
30x25
8200
22x25
22x35
25x35
30x40
10000
22x30
22x45
25x40
35x35
35x45
25x25
25x35
30x30
30x25
35x25
15000
25x25
22x40
25x45
30x40
35x45
30x25
35x30
35x35
22000
30x25
22x50
35x35
35x45
30x30
40x30
35x25
33000
30x40
35x50
35x30
47000
30x50
35x40
Convert to inches, divide by 25.4.
DxL(mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com