Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC-082ASTH Datasheet(PDF) 15 Page - ZETTLER Electronics

Part # AC-082ASTH
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASTH Datasheet(HTML) 15 Page - ZETTLER Electronics

Back Button AC-082ASTH Datasheet HTML 10Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 11Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 12Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 13Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 14Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 15Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 16Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 17Page - ZETTLER Electronics AC-082ASTH Datasheet HTML 18Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
13.5 INSPECTION QUALITY CRITERIA
Item
Description
of
defects
Class of
Defects
Acceptable level
(%)
Function
Short circuit or Pattern cut
Major
0.65
Dimension
Deviation from drawings
Major
1.5
Ave . dia . D
area A
area B
D
≤0.2
Disregard
0.2<D
≤0.3
3
4
0.3<D
≤0.4
2
3
Black spots
0.4<D
0
1
Minor
2.5
Width W, Length L
A
B
W
≤0.03
disregard
0.03<W
≤0.05
3
4
0.05<W
≤0.07 , L≤3.0
1
1
Black lines
See line criteria
Minor
2.5
Bubbles in
polarizer
Average diameter D
0.2 < D < 0.5 mm
for N = 4 , D > 0.5 for N = 1
Minor
2.5
Color
uniformity
Rainbow color or newton ring.
Minor
2.5
Glass
Scratches
Obvious visible damage.
Minor
2.5
Contrast
ratio
See note 1
Minor
2.5
Response
time
See note 2
Minor
2.5
Viewing
angle
See note 3
Minor
2.5
Zone B viewing area
Zone A active area
Date : 2001/12/11
AMPIRE CO., LTD.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com