Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTLF8519P2WNL Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLF8519P2WNL
Description  2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519P2WNL Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLF8519P2WNL Datasheet HTML 3Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 4Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 5Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 6Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 7Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 8Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 9Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 10Page - Finisar Corporation. FTLF8519P2WNL Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FTLF8519P2xNL Pluggable SFP Product Specification – September 2005
 Finisar Corporation September 25, 2005 Rev. J
Page 7
IX. Digital Diagnostic Specifications
FTLF8519P2xNL transceivers can be used in host systems that require either internally
or externally calibrated digital diagnostics.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Accuracy
Internally measured transceiver
temperature
DDTemperature
3
ºC
Internally measured transceiver
supply voltage
DDVoltage
100
mV
Measured TX bias current
DDBias
10
%
1
Measured TX output power
DDTx-Power
2
dB
Measured RX received average
optical power
DDRx-Power
2
dB
Dynamic Range for Rated Accuracy
Internally measured transceiver
temperature
DDTemperature
-20
85
ºC
Internally measured transceiver
supply voltage
DDVoltage
3.0
3.6
V
Measured TX bias current
DDBias
0
20
mA
Measured TX output power
DDTx-Power
-9
-3
dBm
Measured RX received average
optical power
DDRx-Power
-20
0
dBm
Max Reporting Range
Internally measured transceiver
temperature
DDTemperature
-40
125
ºC
Internally measured transceiver
supply voltage
DDVoltage
2.8
4.0
V
Measured TX bias current
DDBias
0
20
mA
Measured TX output power
DDTx-Power
-10
-3
dBm
Measured RX received average
optical power
DDRx-Power
-22
0
dBm
Notes:
1. Accuracy of Measured Tx Bias Current is 10% of the actual Bias Current from the laser driver to the
laser.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com