Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTLX8541F2 Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTLX8541F2
Description  RoHS-6 Compliant 10 Gb/s 850nm Multimode X2 Transponder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8541F2 Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FTLX8541F2 Datasheet HTML 2Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 3Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 4Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 5Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 6Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 7Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 8Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 9Page - Finisar Corporation. FTLX8541F2 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FTLX8541 Product Specification – November 2007
© Finisar Corporation – November 28, 2007 Rev. B
Page 9
Eye Safety
Finisar FTLX8541 transponders are Class 1 Laser Products. They are certified per the
following standards:
Feature
Agency
Standard
Certificate
Number
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
9210176-77
Laser Eye
Safety
TÜV
EN 60825-1: 1994+A11:1996+A2:2001
IEC 60825-1: 1993+A1:1997+A2:2001
IEC 60825-2: 2000, Edition 2
R 72052602
Electrical
Safety
TÜV
EN 60950
R 72052602
Electrical
Safety
UL/CSA
CLASS 3862.07
CLASS 3862.87
1439230
Copies of the referenced certificates will be available at Finisar Corporation upon
request.
VIII. Mechanical Specifications
Pull Sleeve front face color is beige.
VII. DOM Parameters
Values
Parameter
min.
typ.
max.
Unit
Transponder Temperature Monitor Accuracy1)
-5
+5
°C
Laser Bias Current Monitor Accuracy2)
-10
+10
%
Transmit Power Monitor Accuracy3)
-3
+3
dB
Receive Power Monitor Accuracy3)
-3
+3
dB
1) 0 to 70°C case temperature.
2) 0 to 12.5 mA.
3) -8.2 dBm to +0.5 dBm.
Values
Parameter
Symbol
min.
typ.
max.
Unit
Module Retention Force (latch strength)
FRET
200
N
Module Insertion Force
FIN
40
N
Module Extraction Force (with kick-out)
FEXT-K
16
N
Module Extraction Force (without kick-out)
FEXT
25
N



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com