Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW13009 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW13009
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13009 Datasheet(HTML) 1 Page - STMicroelectronics

  STW13009 Datasheet HTML 1Page - STMicroelectronics STW13009 Datasheet HTML 2Page - STMicroelectronics STW13009 Datasheet HTML 3Page - STMicroelectronics STW13009 Datasheet HTML 4Page - STMicroelectronics STW13009 Datasheet HTML 5Page - STMicroelectronics STW13009 Datasheet HTML 6Page - STMicroelectronics STW13009 Datasheet HTML 7Page - STMicroelectronics STW13009 Datasheet HTML 8Page - STMicroelectronics STW13009 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2007
Rev 1
1/11
11
STW13009
High voltage fast-switching
NPN power transistor
Features
■ Low spread of dynamic parameters
■ High voltage capability
■ Minimum lot-to-lot spread for reliable operation
■ Very high switching speed
Application
■ Switch mode power supplies
Description
The device is manufactured using high voltage
multi-epitaxial
planar
technology
for
high
switching speeds and medium voltage capability.
It uses a Hollow emitter structure to enhance
switching speeds.
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking (1)
Package
Packaging
STW13009
W13009 L
TO-247
Tube
W13009 H
1.
Product is pre-selected in DC current gain (group L and group H). STMicroelectronics reserves the right to ship either
groups according to production availability. Please contact your nearest STMicroelectronics sales office for delivery details.
www.st.com


Similar Part No. - STW13009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
14-Jan-2005
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
More results

Similar Description - STW13009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com