Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

474MPR400K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 474MPR400K
Description  105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474MPR400K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  474MPR400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 474MPR400K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
181
®
max
PART
NUMBER
WVDC
Capacitance
(µF)
0.01
400
103MPR400K
350
13x9x5
0.01
630
103MPR630K
420
13x10x6
0.015
250
153MPR250K
220
13x9x5
0.015
400
153MPR400K
350
13x9.5x5
0.015
630
153MPR630K
420
13x11x7
0.022
250
223MPR250K
220
13x9x5
0.022
400
223MPR400K
350
13x10.5x5.5
0.022
630
223MPR630K
420
13x12.5x8.5
0.033
250
333MPR250K
220
13x9x5.5
0.033
400
333MPR400K
350
13x11x6.5
0.033
630
333MPR630K
400
18x11.5x7.5
0.047
250
473MPR250K
220
13x9.5x5.5
0.047
400
473MPR400K
350
13x11x7.5
dv/dt
(v/µs)
L x H x T
MPR
STANDARD PART LISTING
+ 105°C Metallized
Polypropylene Epoxy
Dipped Radial Lead
Capacitors
NOTE: WVDC: MAXIMUM RATED DC WORKING VOLTAGE AT + 85°C.
0.047
400
473MPR400K
350
13x11x7.5
0.047
630
473MPR630K
400
18x13.5x8.5
0.068
250
683MPR250K
220
13x10.5x6
0.068
400
683MPR400K
300
18x11x6.5
0.068
630
683MPR630K
400
18x15.5x9.5
0.1
250
104MPR250K
220
13x11x7
0.1
400
104MPR400K
300
18x12.5x7.5
0.1
630
104MPR630K
230
26x15x10
0.15
250
154MPR250K
200
18x11x7
0.15
400
154MPR400K
185
26x13x7.5
0.15
630
154MPR630K
230
26x17x11
0.22
250
224MPR250K
200
18x12.5x7.5
0.22
400
224MPR400K
165
26x14x8.5
0.22
630
224MPR630K
180
31x17.5x10.5
0.33
250
334MPR250K
200
18x13x8.5
0.33
400
334MPR400K
165
26x15x10
0.33
630
334MPR630K
180
31x21.5x13
0.47
250
474MPR250K
110
26x14x8.5
0.47
400
474MPR400K
150
31x16.5x10.5
0.47
630
474MPR630K
180
31x24.5x15.5
0.68
250
684MPR250K
115
26x15x9.5
1
250
105MPR250K
110
26x16x12
1
400
105MPR400K
150
31x22x15
1.5
250
155MPR250K
100
31x18x13
2.2
250
225MPR250K
100
31x21x15
13x9x5
13x10x6
13x9x5
13x9.5x5
13x11x7
13x9x5
13x10.5x5.5
13x12.5x8.5
13x9x5.5
13x11x6.5
18x11.5x7.5
13x9.5x5.5
13x11x7.5
18x13.5x8.5
13x10.5x6
18x11x6.5
18x15.5x9.5
13x11x7
18x12.5x7.5
26x15x10
18x11x7
26x13x7.5
26x17x11
18x12.5x7.5
26x14x8.5
31x17.5x10.5
18x13x8.5
26x15x10
31x21.5x13
26x14x8.5
31x16.5x10.5
31x24.5x15.5
26x15x9.5
26x16x12
31x22x15
31x18x13
31x21x15
630
(250)
400
(220)
250
(200)
0.010
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
µF
PHYSICAL DIMENSIONS
G
max.
T
d
L max
S
H max
15
min.
±1.5
Convert to inches, divide by 25.4
LxHxT(mm)
L
13
18
26
31
S
10.0
15.0
22.5
27.5
G
1.0
1.0
2.0
2.0
d
0.6
0.8
0.8
0.8
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
L x H x T
PART
NUMBER
WVDC
dv/dt
(v/µs)
L x H x T
Capacitance
(µF)
WVDC
(VAC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com