Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

102MWR152KB Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 102MWR152KB
Description  Metallized Polyester Film Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

102MWR152KB Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  102MWR152KB Datasheet HTML 1Page - Illinois Capacitor, Inc. 102MWR152KB Datasheet HTML 2Page - Illinois Capacitor, Inc. 102MWR152KB Datasheet HTML 3Page - Illinois Capacitor, Inc. 102MWR152KB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
152
®
MWR
Metallized Polyester
Film Capacitors
• Bypass
• Coupling
• Filtering
• Blocking
Operating Temperature Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
2000 hours at 125% of rated voltage and at 85°C
Load Life Test
Damp Heat Test
Self inductance
<1nH/mm of body length and lead wire length.
Capacitance drift
<1.0% up to 40°C after 2 years
Temperature Coefficient
+400ppm/˚C +/- 200ppm/˚C
Dielectric
Polyester
Electrodes
Vacuum deposited metal layers
Construction
Extended metallized carrier film, internal series connections
(WVDC>1000V).
Leads
Tinned copper wire
Coating
Flame retardant polyester tape wrap (UL510)
with epoxy end seals (UL94V-0)
50
63
100
250
400
630
1000
1500
30
40
63
160
200
220
250
300
For T>85°C the rated voltage must be decreased by 1.25% per °C
VDC
VAC
Rated Voltage
-55˚C to +125˚C
Freq (kHz)
C
≤0.1µF
1
0.8
%
0.8%
10
1.5
%
1.5%
100
3.0
%
-
WVDC
≤100
≤0.33µF
>100
≤0.33µF
≤100
>0.33µF
>100
>0.33µF
0.1<C
≤1.0µF
Capacitance change
≤5% change from initial value.
Dissipation Factor
≤0.005 at 1kHz and 25°C for C ≤ 1µF
≤0.003 at 10kHz and 25°C for C >1µF
Insulation Resistance
≥50% of minimum specification
Capacitance change
≤5% change from initial value.
Dissipation Factor
≤0.005 at 1kHz and 25°C
Insulation Resistance
≥50% of minimum specification
56 days at +40°C+/-2°C with 93%+/-2% relative humidity
Capacitance
I.R.
15000M
Ω
30000M
Ω
5000M
Ω x µF
10000M
Ω x µF
C>1µF
1.0%
-
-
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Dissipation Factor
(max) at 20°C


Similar Part No. - 102MWR152KB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MWR152KB ILLINOISCAPACITOR-102MWR152KB Datasheet
328Kb / 3P
Axial leaded metallized polyester film capacitors
102MWR152KB ILLINOISCAPACITOR-102MWR152KB Datasheet
261Kb / 3P
Small size ??Low ESR - General purpose
More results

Similar Description - 102MWR152KB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com