Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N4403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N4403
Description  PNP Transistor Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N4403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2N4403
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46+0.1
–0.1
0.43+0.08
–0.07
1
3
2
1: Emitter
2: Base
3: Collector
1.25–0.2
+0.2
TO-92
FEATURES
Power Dissipation
MAXIMUM RATINGS* TA=25
unless otherwise noted
Symbol
Parameter
Value
Units
ELECTRICAL
CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
-40
-40
-6
-0.75
C
o
C
o
C
o
C
o
C
o
01-Jun-2002 Rev. A
Page 1 of
3
PNP Transistor
Plastic-Encapsulate Transistors
VCBO
Collector-Base Voltage
-40
VCEO
Collector-Emitter Voltage
-40
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-600
PC *
Collector Power dissipation
0.625
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55to +150
R
θJA
Thermal Resistance, junction to Ambient
357
/mW
V
V
mA
W
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
hFE(1)
VCE=-1V,IC=-0.1mA
30
hFE(2)
VCE=-1V,IC=-1mA
60
hFE(3)
VCE=-1V,IC=-10mA
100
hFE(4)
VCE=-1V,IC=-150mA
100
300
DC current gain
hFE(5)
VCE=-2V,IC=-500mA
20
VCE(sat)1
IC=-150mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)2
IC=-500mA,IB=-50mA
-0.75
V
VBE(sat)1
IC=-150mA,IB=-15mA
-0.95
V
Base-emitter saturation voltage
VBE(sat)2
IC=-500mA,IB=-50mA
-1.3
V
Transition frequency
fT
VCE=-10V,IC=-20mA,f=100MHz
200
MHz
Collector capacitance
Cob
VCB=-10V,IE=0,f=100KHz
8.5
pF
Delay time
td
15
nS
Rise time
tr
20
nS
Storage time
tS
225
nS
Fall time
tf
VCC=-30V, IC=-150mA
IB1=- IB2=-15mA
30
nS
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2N4403

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
General Purpose Transistors(PNP Silicon)
1996
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
40Kb / 1P
PNP Medium Power Transistor (Switching)
logo
Semtech Corporation
2N4403 SEMTECH-2N4403 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Fairchild Semiconductor
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
More results

Similar Description - 2N4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1020 SECOS-2SA1020 Datasheet
168Kb / 3P
PNP Transistor Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com