Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2235 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2235
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2235 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2235 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2235 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Complementary to 2SA965
MAXIMUM RATINGS (T
B
A
B
=25
℃ unless otherwise noted)
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V
B
(BR)CBOB
I
B
CB=1mA,IBEB=0
120
V
Collector-emitter breakdown voltage
V
B
(BR)CEOB
I
B
CB=10mA,IBBB=0
120
V
Emitter-Base breakdown voltage
V
B
(BR)EBOB
I
B
EB=1mA,IBCB=0
5
V
Collector cut-off current
I
B
CBOB
V
B
CBB=120V,IBEB=0
0.1
μA
Emitter cut-off current
I
B
EBOB
V
B
EBB=5V,IBCB=0
0.1
μA
DC current gain
h
B
FEB
V
B
CEB=5V,IBCB=100mA
80
240
Collector-emitter saturation voltage
V
B
CEB(sat)
I
B
CB=500mA,IBBB=50mA
1.0
V
Base-emitter voltage
V
B
BEB
I
B
CB=500mA, VBCEB=5V
1.0
V
Transition frequency
f
B
TB
V
B
CEB=5V, IBCB=100mA
120
MHz
Collector output capacitance
Cob
V
B
CEB=10V, IBEB=0
f=1MHz
30
pF
CLASSIFICATION OF
hFE
Rank
O
Y
Range
80
-160
120
-240
Symbol
Parameter
Value
Units
V
B
CBOB
Collector-Base Voltage
120
V
V
B
CEOB
Collector-Emitter Voltage
120
V
V
B
EBOB
Emitter-Base Voltage
5
V
I
B
CB
Collector Current -Continuous
0.8
A
P
B
CB
Collector Power Dissipation
0.9
W
T
B
JB
Junction Temperature
150
℃
T
B
stgB
Storage Temperature
-55to+150
℃
Elektronische Bauelemente
2SC2235
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
6.0±0.2
1.0±0.1
4.9±0.2
3.0±0.1
(1.50 Typ.)
0.50+0.1
–0.1
0.45+0.1
–0.1
1
3
2
1: Emitter
2: Collector
3: Base
TO-92 MOD
Unit: mm
1.9 –0.1
+0.1
17-May-2007 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC2235

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
01-Sep-1997
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
108Kb / 4P
Silicon NPN Epitaxial Type (PCT Process)
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Foshan Blue Rocket Elec...
2SC2235 FOSHAN-2SC2235 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SC2235

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
General Purpose Transistor(NPN Silicon)
1997 REV 2
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com