Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2W005G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2W005G
Description  2.0 AMP Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2W005G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2W005G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2W005G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2W005G THRU 2W10G
VOLTAGE 50V ~ 1000V
2.0 AMP Glass Passivated Bridge Rectifiers
WOL
FEATURES
. Surge overload rating – 60 amperes peak
. Ideal for printed circuit board
. Reliable low cost construction utilizing
Molded plastic technique results in expensive product
. Mounting position: Any
. Weight: 1.6 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified
.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
TYPE NUMBER
2W005G
2W01G
2W02G
2W04G
2W06G
2W08G
2W10G
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
0.375” (9.5mm) Lead Lengths at Ta=25
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-Wave Superimposed
on Rated Load (JEDEC method)
60
A
I
2t Rating for Fusing (t<8.3ms)
15.0
A
2S
Maximum Forward Voltage Drop
Per Element at 2.0 A Peak
1.1
V
Maximum DC Reverse Current at Ta=25
10.0
µA
at Rated DC Blocking Voltage at Ta=100
1.0
mA
Typical Junction Capacitance per Element (Note 1)
30
pF
Operating Temperature Range TJ
-55 ~ +150
Storage Temperature Range TSTG
-55 ~ +150
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
1.0
(25.4)
MIN.
1.2
(30.5)
MIN.
.358
(9.1)
MAX.
.290(7.4)
.270(6.9)
.032(0.8)
.030(0.7)
POS.
LEAD
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free.


Similar Part No. - 2W005G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W005G DIODES-2W005G Datasheet
53Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
logo
Fuji Electric
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - 2W005G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS202 DGNJDZ-ABS202 Datasheet
366Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
DB201G DGNJDZ-DB201G Datasheet
227Kb / 2P
SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
ABS202-ABS210 DGNJDZ-ABS202-ABS210 Datasheet
399Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
ABS202 YIXIN-ABS202 Datasheet
452Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS302 YIXIN-ABS302 Datasheet
452Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com