Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTA124EE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTA124EE
Description  PNP Digital Transistors (Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTA124EE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTA124EE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTA124EE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTA124EE/DTA124EUA/DTA124ECA
DTA124EKA/DTA124ESA
PNP Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of
an inverter circuit without connecting input resistors
(see equivalent circuit).
* Only the on/off confitions need to be set for operation,
making device design easy.
* The bias resistors consis of thin-film resistors with
compete isolation to allow negative biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
l
01-Jun-2002 Rev. A
Page 1 of 2
PIN CONNENCTIONS AND MARKING
SOT-523
SOT-323
TO-92S
SOT-23
SOT-23-3L
DTA124EE
DTA124EUA
DTA114ECA
DTA124ECA
DTA124EKA
DTA124ESA
Abbreviated symbol: 15
Abbreviated symbol: 15
Abbreviated symbol: 15
Abbreviated symbol: 15


Similar Part No. - DTA124EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EE ROHM-DTA124EE Datasheet
79Kb / 2P
Digital transistors (built-in resistors)
DTA124EE ROHM-DTA124EE Datasheet
92Kb / 4P
Digital transistors (built-in resistors)
logo
Weitron Technology
DTA124EE WEITRON-DTA124EE Datasheet
799Kb / 13P
Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA124EE ROHM-DTA124EE Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
logo
Micro Commercial Compon...
DTA124EE MCC-DTA124EE Datasheet
102Kb / 3P
PNP Digital Transistors
More results

Similar Description - DTA124EE

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
PNP Digital Transistors (Built-in Resistors)
DTA114EC3 CYSTEKEC-DTA114EC3 Datasheet
330Kb / 6P
PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
PNP Digital Transistors (Built-in Resistors)
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
PNP Digital Transistors (Built-in Resistors)
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com