Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FFP-SW3245F0 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFP-SW3245F0
Description  Fused Coupler, PM Combiner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-SW3245F0 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFP-SW3245F0 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-SW3245F0 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-SW3245F0 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FUSED COUPLER, PM COMBINER
Specifications
Parameter
980 nm
S band
C band
L band
Operating wavelength range1
980 nm
1440 to 1475 nm
1528 to 1563 nm
1570 to 1605 nm
Insertion loss (fast axis)2
Grade M
Maximum
0.40 dB
0.40 dB
0.50 dB
0.50 dB
Grade W
Maximum
0.60 dB
0.60 dB
0.70 dB
0.70 dB
Housing option
B
Dimensions (Ø x L) for 1x2 and 2x2
3.0 x 71 mm
Insertion loss (slow axis)2
Grade M
Maximum
0.35 dB
Grade W
Maximum
0.40 dB
Return loss/Directivity
Minimum
50 dB
TDL
Typical
0.15 dB
Pigtail tensile load
Maximum
5 N
Optical power handling
Maximum
4 W
Fiber type
All ports PM fiber
Pigtail
Primary-coated fiber
Operating temperature range
-5 to 75 °C
Storage temperature range
-40 to 85 °C
1. The center wavelength may be selected from within the operating wavelength ranges supplied.
2. Insertion loss over operating channel bandwidth (not including TDL or connector losses).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com