Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QG201A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG201A
Description  VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG201A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG201A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG201A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
QG201A THRU QG207A
VOLTAGE 50V ~ 1000V
2.0AMP Surface Mount Silicon Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
QG201A QG202A QG203A QG204A QG205A QG206A QG207A UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
50
5.0
50
15
-65
+175
V
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient.
1.1
Typical Thermal Resistance RθJA (Note 2)
50
FEATURES
MECHANICAL DA TA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.063 gram
*
Operating and Storage Temperature Range TJ, TSTG
C
C/W
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev. B
Page 1 of 2
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - QG201A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201A SECOS-QG201A_15 Datasheet
193Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
More results

Similar Description - QG201A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG201B SECOS-QG201B Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
QG301B SECOS-QG301B Datasheet
145Kb / 2P
VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG301C SECOS-QG301C Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
RS201 SECOS-RS201 Datasheet
225Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Taiwan Memory Technolog...
S3A TMT-S3A_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
S4A TMT-S4A_16 Datasheet
359Kb / 4P
4A, 50V - 1000V Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com