Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCD32L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD32L
Description  VOLTAGE 20V ~ 40V 3.0 AMP Low Vf SchottkyB arrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD32L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD32L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD32L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD32L THRU SCD34L
VOLTAGE 20V ~ 40V
3.0 AMP Low Vf SchottkyBarrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability , low VF
High surge capacity
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
*
*
*
*
*
*
*
*
*
*
*
*
*
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
Maximum Instantaneous Forward Voltage at 3.0A (Note1)
VF
V
Maximum DC Reverse Current (Note1) Ta=25℃
at Rated DC Blocking Voltage Ta=100℃
IR
mA
RθJA
Typical Thermal Resistance (Note 2)
RθJL
17
℃
/ W
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.049(1.25)
0.033(0.85)
0.049(1.25)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.049(1.25)
0.033(0.85)
* Dimensions in inches and (millimeters)
SCD32L
20
UNITS
SCD34L
40
75
20
20
A
40
40
V
V
V
A
3
0.38
80
0.41
40
1
01-Jun-2002 Rev. A
Page 1 of 2
℃
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD32L

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD32L ZOWIE-SCD32L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
SCD32LH ZOWIE-SCD32LH Datasheet
188Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCD32L SECOS-SCD32L_15 Datasheet
609Kb / 2P
3.0 AMP Low Vf SchottkyB arrier Rectifiers
More results

Similar Description - SCD32L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD12L SECOS-SCD12L Datasheet
218Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s
SCD22L SECOS-SCD22L Datasheet
320Kb / 2P
VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL Datasheet
257Kb / 2P
Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
SM340FL SECOS-SM340FL Datasheet
160Kb / 2P
Voltage 40V 3.0 Amp Schottky Barrier Rectifiers
SCD32L SECOS-SCD32L_15 Datasheet
609Kb / 2P
3.0 AMP Low Vf SchottkyB arrier Rectifiers
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
First Silicon Co., Ltd
SL22 FS-SL22 Datasheet
188Kb / 3P
VOLTAGE 20V ~ 40V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com