Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCD3100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD3100
Description  VOLTAGE 100V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD3100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD3100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD3100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD3100
VOLTAGE 100V
3.0 AMP Surface Mount Schottky Barrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
*
*
*
*
*
*
*
*
*
*
*
*
*
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
80
A
Maximum Instantaneous Forward Voltage at 3.0A (Note1)
VF
V
Maximum DC Reverse Current (Note1) Ta=25℃
0.5
at Rated DC Blocking Voltage Ta=100℃
IR
mA
RθJA
55
Typical Thermal Resistance (Note 2)
RθJL
17
℃
/ W
Operating Temperature Range
TJ
-50 ~ +150
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.049(1.25)
0.033(0.85)
0.049(1.25)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.049(1.25)
0.033(0.85)
* Dimensions in inches and (millimeters)
SCD3100
UNITS
V
V
V
100
70
100
0.85
10
01-Jun-2002 Rev. A
Page 1 of 2
℃
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD3100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD3100 SECOS-SCD3100_15 Datasheet
309Kb / 2P
3.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCD3100

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD1100 SECOS-SCD1100 Datasheet
208Kb / 2P
VOLTAGE 100V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
Nanjing International G...
SK32 DGNJDZ-SK32 Datasheet
94Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com