Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCF0503CANCC1 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # VCF0503CANCC1
Description  Voltage-Controlled Optical Filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VCF0503CANCC1 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  VCF0503CANCC1 Datasheet HTML 1Page - JDS Uniphase Corporation VCF0503CANCC1 Datasheet HTML 2Page - JDS Uniphase Corporation VCF0503CANCC1 Datasheet HTML 3Page - JDS Uniphase Corporation VCF0503CANCC1 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Specifications in mm unless otherwise noted.)
Dimensions Diagram
2
VCF SERIES
Filter Performance: VCF050
12
50
44
19
6
30
A
3
14
2
5
9
2
4 3
3
25
14
Ø5
DETAIL A
0.1
#2-56 UNC
(3) PLACES
MADE IN CHINA
Relative Frequency (GHz)
0
-5
-10
-15
-20
-25
-30
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10
0
10 20 30
40 50
60 70 80 90 100
60
40
20
0
-20
-40
-60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com