Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A14KB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A14KB
Description  Process Sealed Subminiature Rockers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A14KB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  A14KB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A14KB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A14KB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A14KB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A14KB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A14KB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A14KB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Rockers
Series A
COLORS
Rocker C
Rockers D & E
A
Black
A
B
White
B
C
Red
C
E
Yellow
---
F
Green
---
G
Blue
---
H
Gray
---
POLES
1
SPDT
2
DPDT
SP3T
TYPICAL SWITCH ORDERING EXAMPLE
2
D
A
PC TERMINALS
P
Straight
B
Straight with Bracket
B1
Straight with Inline Bracket
(Single Pole only)
H
Right Angle with Bracket
V
Vertical with Bracket
V1
Vertical with Inline Bracket
(Single Pole only)
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
A22K1H-DA
K1
A
Black .250” (6.35mm)
Wide Rocker
ROCKERS
C
.260” (6.6mm) Wide
D
.250” (6.35mm) Wide
E
.300” (7.6mm) Wide
H
ACTUATORS
K
Snap Top for Rocker
Code C
K1
Snap Top for Rockers
Codes D & E
Right Angle PC Terminals
DPDT
ON-NONE-ON Circuit
K1 Snap Top Actuator
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE
(ON)
R
(ON)
NONE
ON
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
S
(ON)
OFF
ON
4
ON
ON
ON
6
(ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits
*
*
*
*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com