Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS22BH Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AS22BH
Description  Subminiature Slides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AS22BH Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  AS22BH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Slides
Series AS
Distinctive Characteristics
Subminiature size (1/3 size of Series M switches) saves space on PC boards.
Specifically developed for logic-level applications.
Award-winning STC contact mechanism with benefits
unavailable in conventional mechanisms: smoother,
positive detent actuation, increased contact
stability and unparalleled logic-level reliability.
(Additional STC details in Terms & Acronyms;
see Supplement section.)
Available in various actuator lengths.
Antistatic superstructure of carbon
blended polyacetal prevents static
discharge to the contacts.
Molded-in, epoxy sealed or ultrasonically
welded terminals lock out flux, solvents,
and other contaminants.
.100” x .100” (2.54mm x 2.54mm) terminal
spacing conforms to standard PC board grid
spacing.
Matching indicators available and shown at the
end of Section M.
Actual Size


Similar Part No. - AS22BH

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
Primary Side PWM Controller
AS2208D ETC-AS2208D Datasheet
32Kb / 6P
Primary Side PWM Controller
AS2208N ETC-AS2208N Datasheet
32Kb / 6P
Primary Side PWM Controller
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
More results

Similar Description - AS22BH

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
Miniature Slides
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
Ultra-Miniature SMT Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com