Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST2N4403 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2N4403
Description  PNP Epitaxial Silicon Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2N4403 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2N4403 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2N4403 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2N4403 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2N4403 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2N4403 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dated : 02/12/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2N4402 / 2N4403
Characteristics at Tamb=25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE=1V, -IC=0.1mA
ST 2N4403
hFE
30
-
-
at -VCE=1V, -IC=1mA
ST 2N4402
ST 2N4403
hFE
hFE
30
60
-
-
-
-
at -VCE=1V, -IC=10mA
ST 2N4402
ST 2N4403
hFE
hFE
50
100
-
-
-
-
at -VCE=1V, -IC=150mA
ST 2N4402
ST 2N4403
hFE
hFE
50
100
150
300
-
-
at -VCE=2V, -IC=500mA
ST 2N4403
ST 2N4403
hFE
hFE
20
20
-
-
-
-
Collector Cutoff Current
at -VCB=35V
-ICBO
-
100
nA
Emitter Cutoff Current
at -VEB=5V
-IEBO
-
100
nA
Collector Emitter Breakdown Voltage
at -IC=1mA
-V(BR)CEO
40
-
V
Collector Base Breakdown Voltage
at -IC=100µA
-V(BR)CBO
40
-
V
Emitter Base Breakdown Voltage
at -IE=100µA
-V(BR)EBO
5
-
V
Collector Saturation Voltage
at -IC=150mA, -IB=15mA
-VCEsat
-
0.4
V
Base Saturation Voltage
at -IC=150mA, -IB=15mA
-VBEsat
0.75
0.95
V
Gain Bandwidth Product
at -VCE=10V, -IC=20mA, f=100MHz
ST 2N4402
ST 2N4403
fT
fT
150
200
-
-
MHz
MHz
Collector Base Capacitance
at -VCB=10V, f=140MHz
CCBO
-
8.5
pF
Turn On Time
at -VCC=30V, -VBE=2V, -IC=150mA, -IB1=15mA
ton
-
35
ns
Turn Off Time
at -VCC=30V, -IC=150mA, -IB1=-IB2=15mA
toff
-
255
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com