Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTSC2785 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTSC2785
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTSC2785 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMBTSC2785 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTSC2785 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 20/10/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBTSC2785
Characteristics at Tamb=25 OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=6V, IC=1mA
Current Gain Group O
Y
G
L
hFE
hFE
hFE
hFE
70
120
200
350
-
-
-
-
140
240
400
700
-
-
-
-
Collector Base Breakdown Voltage
at IC=100µA
V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at IC=10mA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IE=10µA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB=40V
ICBO
-
-
0.1
µA
Emitter Cutoff Current
at VEB=3V
IEBO
-
-
0.1
µA
Collector Saturation Voltage
at IC=100mA, IB=10mA
VCE(sat)
-
-
0.3
V
Gain Bandwidth Product
at VCE=6V, IC=10mA
fT
-
300
-
MHz
Output Capacitance
at VCB=6V, f=1MHz
COB
-
2.5
-
pF
Noise Figure
at VCE=6V, IE=0.5mA, f=1KHz, RS=500Ω
NF
-
4
-
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com