Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPE-320S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPE-320S
Description  Single Output, 320W Compact, Enclosed AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPE-320S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPE-320S Datasheet HTML 1Page - MicroPower Direct, LLC MPE-320S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
1
AC-Line
2
AC-Neutral
3
AC-Ground
4
-Vout
5
-Vout
6
-Vout
7
+Vout
8
+Vout
9
+Vout
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model
Number
Input
Output
Output
Tolerance
(%)
Ripple &
Noise
(mV p-p)
Efficiency
(%, Typ)
Current (A)
Voltage (VDC)
Current (A)
115 VAC
230 VAC
Rated
Adjust
Rated
Range
MPE-320S-05
6.0
3.5
5.0
4.5 - 5.7
50.0
0 to 50.0
±2.0
150
77
MPE-320S-7.5
6.0
3.5
7.5
6.0 - 9.0
36.0
0 to 36.0
±2.0
150
80
MPE-320S-12
6.0
3.5
12.0
10.0 - 13.2
25.0
0 to 25.0
±1.0
150
82
MPE-320S-13.5
6.0
3.5
13.5
12.0 - 15.0
22.0
0 to 22.0
±1.0
150
83
MPE-320S-15
6.0
3.5
15.0
13.5 - 18.0
20.0
0 to 20.0
±1.0
150
84
MPE-320S-24
6.0
3.5
24.0
20.0 - 26.4
12.5
0 to 12.5
±1.0
150
86
MPE-320S-27
6.0
3.5
27.0
26.0 - 32.0
11.0
0 to 11.0
±1.0
200
86
MPE-320S-48
6.0
3.5
48.0
41.0 - 56.0
6.5
0 to 6.5
±1.0
240
87
Derating Curve
Static Characteristics
Notes:
1. Output voltage tolerance includes the the
effects of set point accuracy, line regula-
tion and load regulation.
2. Ripple and noise is measured at 20 MHz
bandwidth using a 12 inch twisted pair
wire to connect to the power supply
terminals. A 0.1
µF and a 47 µF capacitor
are connected in parallel as close to the
power supply terminals as possible.
3. Overvoltage protection is provided by a
“hiccup mode” circuit. The unit recovers
automatically when the fault condition is
removed.
4. Overload protection is provided by fold-
back current limiting. The unit recovers
automatically when the fault condition
is removed.
5. It is recommended that a fuse be used on
the input of a power supply for protec-
tion. For the MPE-320S series, a 10A/250
VAC slow blow should be used.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com