Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2W06M Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 2W06M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2W06M Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  2W06M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2W06M Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 26/09/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
TJ=25 C
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
NUMBER OF CYCLES AT 60Hz
FIG. 1-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
0.1
0.6
0.4
0.8
1.0
10
o
TJ=25 C
PULSE WIDTH-300 S
2% DUTY CYCLE
0
10
1
1
50
40
30
20
1.0
140
1.2
1.0
0
PERCENT OF RATED PEAK
REVERSE VOLTAGE.(%)
60
20
0
0.01
40
0.1
80
100
120
100
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
1.0
10
AMBIENT TEMPERATURE, C
20
40
60
0
0.5
80
100
120
o
140
o
FIG. 2-MAXIMUM CURRENT DERATING CURVE
OUTPUT RECTIFIED CURRENT
1.5
2.0
8.3 ms Single Half Sine Wave
JEDEC Method
0.2
1.4
RESISTIVE
INDUCTIVE LOAD
o
TJ=100 C
0.01
RATINGS AND CHARACTERISTIC CURVES
2W005M THRU 2W10M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com