Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK2308DITQ64 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CDK2308DITQ64
Description  Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2308DITQ64 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CDK2308DITQ64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK2308DITQ64 Datasheet HTML 14Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, COMLINEAR and the COMLINEAR logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2008 by CADEKA Microcircuits LLC. All rights reserved.
cADEKA Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
PRELIMINARY Data Sheet
designed by
Amplify the Human Experience
Mechanical Dimensions
TQFP-64 Package
NOTE:
1. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25mm per side.
D1 and E1 are maxmum plastic body size dimensions including mold mismatch.
2. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall not cause
the lead width to exceed the maximum b dimension by more than 0.08mm.
3. Dambar can not be located on the lower radius or the foot. Minimum space between protrusion
and an adjacent lead is 0.07mm for 0.4mm and 0.5mm pitch packages.
Symbol
Min
Typ
Max
Min
Typ
Max
A
–
–
0.047
–
–
–
A1
0.002
–
0.006
0.05
–
0.15
A2
0.037
0.039
0.041
0.95
1.00
1.05
D
0.472 BSC
12.00 BSC
D1
0.393 BSC
10.00 BSC
E
0.472 BSC
12.00 BSC
E1
0.393 BSC
10.00 BSC
R2
0.003
–
0.008
0.08
–
0.20
R1
0.003
–
–
0.08
–
–
θ
0°
3.5°
7°
0°
3.5°
7°
θ1
0°
–
–
0°
–
–
θ2
11°
12°
13°
11°
12°
13°
θ3
11°
12°
13°
11°
12°
13°
c
0.004
–
0.008
0.09
0.20
L
0.018
0.24
0.030
0.45
0.75
L1
0.039 REF
1.00 REF
S
0.008
–
–
0.20
–
–
b
0.007
0.008
0.011
0.17
0.20
0.27
e
0.020 BSC
0.520 BSC
D2
0.295
7.50
E2
0.295
7.50
aaa
0.008
0.20
bbb
0.008
0.20
ccc
0.003
0.08
ddd
0.003
0.08
Inches
Millimeters
Table 1: Data Format Description for 2Vpp Full Scale Range
Differential Input Voltage (IPx - INx)
Output data: Dx_9 : Dx_0
(DFRMT = 0, offset binary)
Output Data: Dx_9 : Dx_0
(DFRMT = 1, 2’s complement)
1.0 V
11 1111 1111
01 1111 1111
+0.24mV
10 0000 0000
00 0000 0000
-0.24mV
01 1111 1111
11 1111 1111
-1.0V
00 0000 0000
10 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com