Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK2308DITQ64X Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK2308DITQ64X
Description  Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2308DITQ64X Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK2308DITQ64X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2308DITQ64X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
PRELIMINARY Data Sheet
Electrical Characteristics
(AVDD=1.8V, DVDD=1.8V, DVDDCLK=1.8V, OVDD=2.5V, 50MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal,
13-bit output, unless otherwise noted)
symbol
Parameter
conditions
Min
typ
Max
units
DC Accuracy
No Missing Codes
Guaranteed
Offset Error
Midscale offset
TBD
mV
Gain Error
Full scale range deviation from typical
-6
6
%FS
Gain Matching
Gain matching between channels
±0.05
%FS
DLE
Differential Non-Linearity
12-bit level
-1
1
LSB
ILE
Integral Non-Linearity
12-bit level
-1
1
LSB
VCMO
Common Mode Voltage Output
VAVDD/2
V
Analog Input
VCMI
Input Common Mode
Analog input common mode voltage
VCM -0.1
VCM +0.1
V
VFSR
Full Scale Range, Normal
Differential input voltage range,
2.0
Vpp
Full Scale Range, Option
Differential input voltage range, 1V
(see section Reference Voltages)
1.0
Vpp
Input Capacitance
Differential input capacitance
1.8
pF
Bandwidth
Input bandwidth, full power
500
MHz
Power Supply
AVDD, DVDD
Core Supply Voltage
Supply voltage to all 1.8V domain pins.
See Pin Configuration and Description
1.7
1.8
1.9
V
OVDD
I/O Supply Voltage
Output driver supply voltage (OVDD).
Must be higher than or equal to Core Supply
Voltage (VOVDD ≥ VOCVDD)
1.7
2.5
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com