Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307AILP64 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK8307AILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307AILP64 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK8307AILP64 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307AILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
3
PRELIMINARY Data Sheet
Ordering Information
Part Number
Speed
Package
Pb-Free RoHS Compliant Operating Temperature Range
Packaging Method
CDK8307AITQ80*
20MSPS
TQFP-80
Yes
Yes
-40°C to +85°C
Tray
CDK8307AILP64*
20MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307AILP64B2**
20MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307BITQ80*
40MSPS
TQFP-80
Yes
Yes
-40°C to +85°C
Tray
CDK8307BILP64*
40MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307BILP64B2**
40MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307CITQ80*
50MSPS
TQFP-80
Yes
Yes
-40°C to +85°C
Tray
CDK8307CILP64*
50MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307CILP64B2**
50MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307DITQ80*
65MSPS
TQFP-80
Yes
Yes
-40°C to +85°C
Tray
CDK8307DILP64*
65MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
CDK8307DILP64B2**
65MSPS
QFN-64
Yes
Yes
-40°C to +85°C
Tray
Moisture sensitivity level for all parts is MSL-3. *Preliminary. **Preliminary, pinout matches AD9222.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com