Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307AILP64B2 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK8307AILP64B2
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307AILP64B2 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK8307AILP64B2 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307AILP64B2 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
5
PRELIMINARY Data Sheet
Pin Assignments
Pin No.
Pin Name
Description
QFN-64
49, 50, 57
AVDD
Analog power supply, 1.8V
3, 6, 9, 37, 40, 43, 46, 52
AVSS
Analog ground
1
IP1
Positive differential input signal, channel 1
2
IN1
Negative differential input signal, channel 1
4
IP2
Positive differential input signal, channel 2
5
IN2
Negative differential input signal, channel 2
7
IP3
Positive differential input signal, channel 3
8
IN3
Negative differential input signal, channel 3
10
IP4
Positive differential input signal, channel 4
11
IN4
Negative differential input signal, channel 4
38
IP5
Positive differential input signal, channel 5
39
IN5
Negative differential input signal, channel 5
41
IP6
Positive differential input signal, channel 6
42
IN6
Negative differential input signal, channel 6
44
IP7
Positive differential input signal, channel 7
45
IN7
Negative differential input signal, channel 7
47
IP8
Positive differential input signal, channel 8
48
IN8
Negative differential input signal, channel 8
12, 14, 36
DVSS
Digital ground
35
DVDD
Digital and I/O power supply, 1.8V
13
PD
Power-down input
15
D1P
LVDS channel 1, positive output
16
D1N
LVDS channel 1, negative output
17
D2P
LVDS channel 2, positive output
18
D2N
LVDS channel 2, negative output
19
D3P
LVDS channel 3, positive output
20
D3N
LVDS channel 3, negative output
21
D4P
LVDS channel 4, positive output
22
D4N
LVDS channel 4, negative output
27
D5P
LVDS channel 5, positive output
28
D5N
LVDS channel 5, negative output
29
D6P
LVDS channel 6, positive output
30
D6N
LVDS channel 6, negative output
31
D7P
LVDS channel 7, positive output
32
D7N
LVDS channel 7, negative output
33
D8P
LVDS channel 8, positive output
34
D8N
LVDS channel 8, negative output
23
FCLKP
LVDS frame clock (1x), positive output
24
FCLKN
LVDS frame clock (1x), negative output
25
LCLKP
LVDS bit clock, positive output
26
LCLKN
LVDS bit clock, negative output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com