Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307BILP64B2 Datasheet(PDF) 24 Page - Cadeka Microcircuits LLC.

Part # CDK8307BILP64B2
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307BILP64B2 Datasheet(HTML) 24 Page - Cadeka Microcircuits LLC.

Back Button CDK8307BILP64B2 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 25Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 26Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 27Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 28Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
24
PRELIMINARY Data Sheet
Table 19. Performance Control
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
perfm_
cntrl<2:0>
ADC performance control
Nominal
X X X
50
ext_vcm_
bc<1:0>
VCM buffer driving strength
control
Nominal
X X
There are two registers that impact performance and power dissipation.
The
perfm_cntrl register adjusts the performance level of the ADC core. If full performance is required, the nominal
setting must be used. The lowest code can be used in situations where power dissipation is critical and performance is
less important. For most conditions the performance at the minimum setting will be similar to nominal setting. However,
only 10-bit performance can be expected at worst case conditions. The power dissipation savings shown in Table 20 are
only approximate numbers for the ADC current alone.
Table 20. Performance Control Settings
performance_control <2:0>
Power Dissipation
100
-40% (lower performance)
101
-30%
110
-20%
111
-10%
000 (default)
Nominal
001
Do not use
010
Do not use
011
Do not use
The
ext_vcm_bc register controls the driving strength in the buffer supplying the voltage on the VCM pin. If this pin is
not in use, the buffer can be switched off. If current is drawn from the VCM pin, the driving strength can be increased
to keep the voltage on this pin at the correct level.
Table 21. External Common Mode Voltage Buffer Driving Strength
ext_vcm_bc <1:0>
VCM Buffer Driving Strength
00
Off (VCM floating)
01 (default)
Low
10
High
11
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com